Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67040-S4475 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # Q67040-S4475
Description  PWM-FF IC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

Q67040-S4475 Datasheet(HTML) 3 Page - Infineon Technologies AG

  Q67040-S4475 Datasheet HTML 1Page - Infineon Technologies AG Q67040-S4475 Datasheet HTML 2Page - Infineon Technologies AG Q67040-S4475 Datasheet HTML 3Page - Infineon Technologies AG Q67040-S4475 Datasheet HTML 4Page - Infineon Technologies AG Q67040-S4475 Datasheet HTML 5Page - Infineon Technologies AG Q67040-S4475 Datasheet HTML 6Page - Infineon Technologies AG Q67040-S4475 Datasheet HTML 7Page - Infineon Technologies AG Q67040-S4475 Datasheet HTML 8Page - Infineon Technologies AG Q67040-S4475 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Version 2.0
3
1 Feb 2002
Type
Ordering Code
Frequency
Package
ICE2AS01
Q67040-S4472
100kHz
P-DIP-8-4
ICE2AS01G
Q67040-S4473
100kHz
P-DSO-8-3
ICE2BS01
Q67040-S4475
67kHz
P-DIP-8-4
ICE2BS01G
Q67040-S4476
67kHz
P-DSO-8-3
ICE2AS01/G
ICE2BS01/G
P-DIP-8-4
P-DSO-8-3
C
Soft Start
C
VCC
R
Start-up
VCC
-
Converter
DC Output
+
ICE2AS01 / ICE2BS01
Snubber
Power
Management
Protection Unit
Soft-Start Control
PWM Controller
Current Mode
FB
85 ... 270 VAC
Feedback
Feedback
Typical Application
Low Power
StandBy
Precise Low Tolerance
Peak Current Limitation
R
Sense
Isense
GND
SoftS
Gate
Off-Line SMPS Current Mode Controller
Product Highlights
• Enhanced Protection Functions all
with Auto Restart
• Lowest Standby Power Dissipation
• Very Accurate Current Limiting
Features
Only few external Components required
Input Undervoltage Lockout
67kHz/100kHz fixed Switching Frequency
Max Duty Cycle 72%
Low Power Standby Mode to support
“Blue Angle” Norm
Latched Thermal Shut Down
Overload and Open Loop Protection
Overvoltage Protection during Auto Restart
Adjustable Peak Current Limitation via
External Resistor
Overall Tolerance of Current Limiting
< ±5%
Internal Leading Edge Blanking
Soft Start
Soft Switching for Low EMI
Description
This stand alone controller provides several special
enhancements to satisfy the needs for low power standby
and protection features. In standby mode frequency
reduction is used to lower the power consumption and
provide a stable output voltage in this mode. The frequency
reduction is limited to 20kHz / 21.5 kHz (typ.) to avoid
audible noise. In case of failure modes like open loop,
overvoltage or overload due to short circuit the device
switches in Auto Restart Mode which is controlled by the
internal protection unit. By means of the internal precise
peak current limitation the dimension of the transformer and
the secondary diode can be lower which leads to more cost
efficiency.


Similar Part No. - Q67040-S4475

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
Q67040-S4470 INFINEON-Q67040-S4470 Datasheet
189Kb / 7P
   Silicon Carbide Schottky Diode
2002-01-14
Q67040-S4478 INFINEON-Q67040-S4478 Datasheet
1Mb / 35P
   Off-Line SMPS Current Mode Controller with integrated 650V/ 800V CoolMOS
V2.6, 25 Dec 2006
Q67040-S4479 INFINEON-Q67040-S4479 Datasheet
199Kb / 9P
   Fast Switching EmCon Diode
Rev.2 2003-07-31
More results

Similar Description - Q67040-S4475

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA4916GG INFINEON-TDA4916GG Datasheet
748Kb / 30P
   PWM-FF IC, SMPS IC with MOSFET Driver Output
V2.0, 1 May 1996
logo
E-Tech Electronics LTD
U3525 ETL-U3525 Datasheet
294Kb / 9P
   REGULATING PWM IC
logo
Unisonic Technologies
U3525 UTC-U3525_15 Datasheet
294Kb / 9P
   REGULATING PWM IC
logo
Rohm
BM1P068FJ ROHM-BM1P068FJ Datasheet
1Mb / 30P
   PWM Control IC
BM1P107FJ ROHM-BM1P107FJ Datasheet
1Mb / 30P
   PWM Control IC
logo
ON Semiconductor
LV8824QA ONSEMI-LV8824QA Datasheet
909Kb / 13P
   PWM Driver IC
May, 2013
logo
Rohm
BM1P065FJ ROHM-BM1P065FJ Datasheet
1Mb / 31P
   PWM Control IC
BM1P066FJ ROHM-BM1P066FJ Datasheet
1Mb / 31P
   PWM Control IC
BM1P067FJ ROHM-BM1P067FJ Datasheet
1Mb / 30P
   PWM Control IC
logo
Unisonic Technologies
U3525 UTC-U3525 Datasheet
288Kb / 9P
   REGULATING PWM IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com