Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT707278S15PF Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT707278S15PF
Description  HIGH-SPEED 32K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT707278S15PF Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button IDT707278S15PF Datasheet HTML 3Page - Integrated Device Technology IDT707278S15PF Datasheet HTML 4Page - Integrated Device Technology IDT707278S15PF Datasheet HTML 5Page - Integrated Device Technology IDT707278S15PF Datasheet HTML 6Page - Integrated Device Technology IDT707278S15PF Datasheet HTML 7Page - Integrated Device Technology IDT707278S15PF Datasheet HTML 8Page - Integrated Device Technology IDT707278S15PF Datasheet HTML 9Page - Integrated Device Technology IDT707278S15PF Datasheet HTML 10Page - Integrated Device Technology IDT707278S15PF Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
6.42
IDT707278S/L
32K x 16 Bank-Switchable Dual-Ported SRAM with External Bank Selects
Industrial and Commercial Temperature Ranges
7
AC Test Conditions
Figure 1. AC Output Test Load
Figure 3. Lumped Capacitance Load Typical Derating Curve
AC Electrical Characteristics Over the
Operating Temperature and Supply Voltage Range(4)
NOTES:
1. Transition is measured 0mV from Low or High-impedance voltage with Output Test Load (Figure 2).
2. This parameter is guaranteed by device characterization, but is not production tested.
3. To access RAM,
CE = VIL and MBSEL = VIH. To access mailbox, CE = VIH and MBSEL = VIL.
4. 'X' in part numbers indicates power rating (S or L).
5. Refer to Truth Table I.
Input Pulse Levels
Input Rise/Fall Times
Input Timing Reference Levels
Output Reference Levels
Output Load
GND to 3.0V
3ns Max.
1.5V
1.5V
Figures 1,2 and 3
3739 tbl 11
3739 drw 03
893
30pF
347
5V
DATAOUT
INT
893
5pF*
347
5V
DATAOUT
tACE/tAA
(Typical, ns)
3739 drw 05
1
2
3
4
5
6
7
8
20 40
100
60 80
120 140 160 180 200
Capacitance (pF)
-1
0
- 10pF is the I/O capacitance
of this device, and 30pF is the
AC Test Load Capacitance
707278X15
Com'l Only
707278X20
Com'l & Ind
707278X25
Com'l & Ind
Unit
Symbol
Parameter
Min.Max.Min.Max.Min.Max.
READ CYCLE
tRC
Read Cycle Time
15
____
20
____
25
____
ns
tAA
Address Access Time
____
15
____
20
____
25
ns
tACE
Chip Enable Access Time
(3)
____
15
____
20
____
25
ns
tABE
Byte Enable Access Time
(3)
____
15
____
20
____
25
ns
tAOE
Output Enable Access Time
____
9
____
10
____
11
ns
tOH
Output Hold from Address Change
3
____
3
____
3
____
ns
tLZ
Output Low-Z Time
(1,2)
0
____
0
____
0
____
ns
tHZ
Output High-Z Time
(1,2)
____
8
____
9
____
10
ns
tPU
Chip Enable to Power Up Time
(2,5)
0
____
0
____
0
____
ns
tPD
Chip Disable to Power Down Time
(2,5)
____
15
____
20
____
25
ns
tMOP
Mailbox Flag Update Pulse (
OE or MBSEL)10
____
10
____
10
____
ns
tMAA
Mailbox Address Access Time
____
15
____
20
____
25
ns
3739 tbl 12
Figure 2. Output Test Load
(for tLZ, tHZ, tWZ, tOW)
*Including scope and jig.


Similar Part No. - IDT707278S15PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT707278S IDT-IDT707278S Datasheet
130Kb / 16P
   HIGH-SPEED 32K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS
More results

Similar Description - IDT707278S15PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT707278 IDT-IDT707278_07 Datasheet
130Kb / 16P
   HIGH-SPEED 32K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS
IDT70V7288S IDT-IDT70V7288S_07 Datasheet
133Kb / 16P
   HIGH-SPEED 3.3V 32K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS
IDT70V7278S IDT-IDT70V7278S Datasheet
130Kb / 16P
   HIGH-SPEED 3.3V 32K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS
IDT707288S IDT-IDT707288S Datasheet
149Kb / 16P
   HIGH-SPEED 64K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS
IDT70V7288S IDT-IDT70V7288S Datasheet
144Kb / 16P
   HIGH-SPEED 3.3V 64K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS
IDT70V7319S IDT-IDT70V7319S_15 Datasheet
744Kb / 22P
   HIGH-SPEED 3.3V 256K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM
IDT70V7339S IDT-IDT70V7339S_15 Datasheet
745Kb / 22P
   HIGH-SPEED 3.3V 512K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM
IDT70V7519S IDT-IDT70V7519S_15 Datasheet
756Kb / 22P
   HIGH-SPEED 3.3V 256K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM
IDT70V7599S IDT-IDT70V7599S_15 Datasheet
755Kb / 22P
   HIGH-SPEED 3.3V 128K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM
IDT70V7339S IDT-IDT70V7339S Datasheet
482Kb / 22P
   HIGH-SPEED 3.3V 512K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com