Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT707278L20PF Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT707278L20PF
Description  HIGH-SPEED 32K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT707278L20PF Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT707278L20PF Datasheet HTML 1Page - Integrated Device Technology IDT707278L20PF Datasheet HTML 2Page - Integrated Device Technology IDT707278L20PF Datasheet HTML 3Page - Integrated Device Technology IDT707278L20PF Datasheet HTML 4Page - Integrated Device Technology IDT707278L20PF Datasheet HTML 5Page - Integrated Device Technology IDT707278L20PF Datasheet HTML 6Page - Integrated Device Technology IDT707278L20PF Datasheet HTML 7Page - Integrated Device Technology IDT707278L20PF Datasheet HTML 8Page - Integrated Device Technology IDT707278L20PF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
6.42
IDT707278S/L
32K x 16 Bank-Switchable Dual-Ported SRAM with External Bank Selects
Industrial and Commercial Temperature Ranges
3
INDEX
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
10099 98 97 9695 94 93 92 9190 8988 87 86 8584 8382 81 8079 7877 76
IDT707278
PN100-1
100-PIN
TQFP
TOP VIEW(3)
GND
OER
R/
WR
MBSELR
CE1R
CE0R
BKSEL3
NC
GND
A9R
A10R
A8R
A7R
A6R
A11R
I/O10R
I/O11R
I/O12R
I/O13R
I/O14R
I/O15R
GND
UBR
LBR
3739 drw 02
I/O15L
GND
OEL
R/
WL
MBSELL
CE1L
CE0L
Vcc
BKSEL0
A11L
A10L
NC
A9L
A8L
A7L
A6L
I/O10L
I/O11L
I/O12L
I/O13L
I/O14L
UBL
LBL
GND
NC
NC
.
Pin Names
NOTES:
1. All VCC pins must be connected to power supply.
2. All GND pins must be connected to ground supply.
3. Package body is approximately 14mm x 14mm x 1.4mm.
4. This package code is used to reference the package diagram.
5. This text does not indicate orientation of the actual part-marking.
NOTES:
1. Duplicated per port.
2. Each bank has an input pin assigned that allows the user to toggle the assignment
of that bank between the two ports. Refer to Truth Table IV for more details. When
changing the bank assignments, accesses of the affected banks must be
suspended. Accesses may continue uninterrupted in banks that are not being
reallocated.
3. Generated upon mailbox access.
4. All Vcc pins must be connected to power supply.
5. All GND pins must be connected to ground supply.
6. The first six address pins (A0-A5) for each port serve dual functions. When
MBSEL = VIH, the pins serve as memory address inputs. When MBSEL = VIL,
the pins serve as mailbox address inputs (A6-A12 ignored).
Pin Configurations(1,2,3)
A0 - A12
(1,6)
Address Inputs
BA0 - BA1
(1)
Bank Address Inputs
MBSEL(1)
Mailbox Access Control Gate
BKSEL0-3
(2)
Bank Select Inputs
R/
W(1)
Read/Write Enable
OE(1)
Output Enable
CE0, CE1(1)
Chip Enables
UB, LB(1)
I/O Byte Enables
I/O0 - I/O15
(1)
Bidirectional Data Input/Output
INT(1)
Interrupt Flag (Output)
(3)
VCC
(4)
+5VPower
GND
(5)
Ground
3739 tbl 01


Similar Part No. - IDT707278L20PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT707278L IDT-IDT707278L Datasheet
130Kb / 16P
   HIGH-SPEED 32K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS
More results

Similar Description - IDT707278L20PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT707278 IDT-IDT707278_07 Datasheet
130Kb / 16P
   HIGH-SPEED 32K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS
IDT70V7288S IDT-IDT70V7288S_07 Datasheet
133Kb / 16P
   HIGH-SPEED 3.3V 32K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS
IDT70V7278S IDT-IDT70V7278S Datasheet
130Kb / 16P
   HIGH-SPEED 3.3V 32K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS
IDT707288S IDT-IDT707288S Datasheet
149Kb / 16P
   HIGH-SPEED 64K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS
IDT70V7288S IDT-IDT70V7288S Datasheet
144Kb / 16P
   HIGH-SPEED 3.3V 64K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS
IDT70V7319S IDT-IDT70V7319S_15 Datasheet
744Kb / 22P
   HIGH-SPEED 3.3V 256K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM
IDT70V7339S IDT-IDT70V7339S_15 Datasheet
745Kb / 22P
   HIGH-SPEED 3.3V 512K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM
IDT70V7519S IDT-IDT70V7519S_15 Datasheet
756Kb / 22P
   HIGH-SPEED 3.3V 256K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM
IDT70V7599S IDT-IDT70V7599S_15 Datasheet
755Kb / 22P
   HIGH-SPEED 3.3V 128K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM
IDT70V7339S IDT-IDT70V7339S Datasheet
482Kb / 22P
   HIGH-SPEED 3.3V 512K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com