Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67040S4678 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # Q67040S4678
Description  Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

Q67040S4678 Datasheet(HTML) 4 Page - Infineon Technologies AG

  Q67040S4678 Datasheet HTML 1Page - Infineon Technologies AG Q67040S4678 Datasheet HTML 2Page - Infineon Technologies AG Q67040S4678 Datasheet HTML 3Page - Infineon Technologies AG Q67040S4678 Datasheet HTML 4Page - Infineon Technologies AG Q67040S4678 Datasheet HTML 5Page - Infineon Technologies AG Q67040S4678 Datasheet HTML 6Page - Infineon Technologies AG Q67040S4678 Datasheet HTML 7Page - Infineon Technologies AG Q67040S4678 Datasheet HTML 8Page - Infineon Technologies AG Q67040S4678 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
IKA06N60T
^
TrenchStop series
Power Semiconductors
4
Rev. 2 Oct-04
Switching Characteristic, Inductive Load, at Tj=175
°C
Value
Parameter
Symbol
Conditions
min.
typ.
max.
Unit
IGBT Characteristic
Turn-on delay time
td(on)
-
8.8
-
Rise time
tr
-
8.2
-
Turn-off delay time
td(off)
-
165
-
Fall time
tf
-
84
-
ns
Turn-on energy
Eon
-
0.14
-
Turn-off energy
Eoff
-
0.18
-
Total switching energy
Ets
Tj=175
°C,
VCC=400V,IC=6A,
VGE=0/15V,
RG= 23
Lσ
1) =60nH,
Cσ
1) =40pF
Energy losses include
“tail” and diode
reverse recovery.
-
0.335
-
mJ
Anti-Parallel Diode Characteristic
Diode reverse recovery time
trr
-
180
-
ns
Diode reverse recovery charge
Qrr
-
500
-
nC
Diode peak reverse recovery current
Irrm
-
7.6
-
A
Diode peak rate of fall of reverse
recovery current during tb
dirr/dt
Tj=175
°C
VR=400V, IF=6A,
diF/dt=550A/
µs
-
285
-
A/
µs
1) Leakage inductance Lσ and Stray capacity Cσ due to dynamic test circuit in Figure E.


Similar Part No. - Q67040S4678

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
Q67040S4644 INFINEON-Q67040S4644 Datasheet
353Kb / 8P
   Silicon Carbide Schottky Diode
Rev. 2.1 2005-02-17
Q67040S4647 INFINEON-Q67040S4647 Datasheet
207Kb / 8P
   Thinq SiC Schottky Diode
Rev. 2.0 2004-03-18
More results

Similar Description - Q67040S4678

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IHP10T120 INFINEON-IHP10T120 Datasheet
334Kb / 14P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2 Jun-04
IKP15N60T INFINEON-IKP15N60T Datasheet
402Kb / 13P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.1 May 06
IKP10N60T INFINEON-IKP10N60T Datasheet
396Kb / 14P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2 Oct-04
IKW50N60T INFINEON-IKW50N60T Datasheet
416Kb / 13P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.1 Dec-04
IKW75N60T INFINEON-IKW75N60T Datasheet
411Kb / 13P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.4 May 06
IKP04N60T INFINEON-IKP04N60T Datasheet
365Kb / 13P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.2 Dec-04
IKP06N60T INFINEON-IKP06N60T Datasheet
359Kb / 13P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.2 May 06
IKW08T120 INFINEON-IKW08T120 Datasheet
343Kb / 15P
   LOW LOSS DUOPACK - IGBT IN TRENCH AND FIELDSTOP TECHNOLOGY WITH SOFT, FAST RECOVERY ANTI - PARALLEL EMCON HE DIODE
Rev. 1 Oct-03
IKW30N60T INFINEON-IKW30N60T Datasheet
397Kb / 13P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.1 Dev-04
logo
List of Unclassifed Man...
IKB06N60T ETC-IKB06N60T Datasheet
371Kb / 14P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com