Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT707278S25PFI Datasheet(PDF) 11 Page - Integrated Device Technology

Part # IDT707278S25PFI
Description  HIGH-SPEED 32K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT707278S25PFI Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button IDT707278S25PFI Datasheet HTML 7Page - Integrated Device Technology IDT707278S25PFI Datasheet HTML 8Page - Integrated Device Technology IDT707278S25PFI Datasheet HTML 9Page - Integrated Device Technology IDT707278S25PFI Datasheet HTML 10Page - Integrated Device Technology IDT707278S25PFI Datasheet HTML 11Page - Integrated Device Technology IDT707278S25PFI Datasheet HTML 12Page - Integrated Device Technology IDT707278S25PFI Datasheet HTML 13Page - Integrated Device Technology IDT707278S25PFI Datasheet HTML 14Page - Integrated Device Technology IDT707278S25PFI Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
6.42
IDT707278S/L
32K x 16 Bank-Switchable Dual-Ported SRAM with External Bank Selects
Industrial and Commercial Temperature Ranges
11
NOTES:
1. Transition is measured 0mV from Low or High-impedance voltage with Output Test Load (Figure 2).
2. This parameter is guaranteed by device characterization, but is not production tested.
3. To access RAM,
CE = VIL and MBSEL = VIH. To access mailbox, CE = VIH and MBSEL = VIL. Either condition must be valid for the entire tEW time. Refer to Truth
Tables I and III.
4. The specification for tDH must be met by the device supplying write data to the RAM under all operating conditions. Although tDH and tOW values will vary over voltage
and temperature, the actual tDH will always be smaller than the actual tOW.
5. 'X' in part numbers indicates power rating (S or L).
AC Electrical Characteristics Over the
Operating Temperature and Supply Voltage(5)
Symbol
Parameter
707278X15
Com'l Only
707278X20
Com'l & Ind
707278X25
Com'l & Ind
Unit
Min.
Max.
Min.
Max.
Min.
Max.
WRITE CYCLE
tWC
Write Cycle Time
15
____
20
____
25
____
ns
tEW
Chip Enable to End-of-Write(3)
12
____
15
____
20
____
ns
tAW
Address Valid to End-of-Write
12
____
15
____
20
____
ns
tAS
Address Set-up Time(3)
0
____
0
____
0
____
ns
tBS
Bank Set-up Time
0
____
0
____
0
____
ns
tWP
Write Pulse Width
12
____
15
____
20
____
ns
tWR
Write Recovery Time
0
____
0
____
0
____
ns
tDW
Data Valid to End-of-Write
15
____
15
____
20
____
ns
tHZ
Output High-Z Time(1,2)
____
8
____
9
____
10
ns
tDH
Data Hold Time(4)
0
____
0
____
0
____
ns
tWZ
Write Enable to Output in High-Z
(1,2)
____
8
____
9
____
10
ns
tOW
Output Active from End-of-Write(1,2,4)
3
____
3
____
3
____
ns
tMWRD
Mailbox Write to Read Time
5
____
5
____
5
____
ns
3739 tbl 15


Similar Part No. - IDT707278S25PFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT707278S IDT-IDT707278S Datasheet
130Kb / 16P
   HIGH-SPEED 32K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS
More results

Similar Description - IDT707278S25PFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT707278 IDT-IDT707278_07 Datasheet
130Kb / 16P
   HIGH-SPEED 32K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS
IDT70V7288S IDT-IDT70V7288S_07 Datasheet
133Kb / 16P
   HIGH-SPEED 3.3V 32K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS
IDT70V7278S IDT-IDT70V7278S Datasheet
130Kb / 16P
   HIGH-SPEED 3.3V 32K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS
IDT707288S IDT-IDT707288S Datasheet
149Kb / 16P
   HIGH-SPEED 64K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS
IDT70V7288S IDT-IDT70V7288S Datasheet
144Kb / 16P
   HIGH-SPEED 3.3V 64K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS
IDT70V7319S IDT-IDT70V7319S_15 Datasheet
744Kb / 22P
   HIGH-SPEED 3.3V 256K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM
IDT70V7339S IDT-IDT70V7339S_15 Datasheet
745Kb / 22P
   HIGH-SPEED 3.3V 512K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM
IDT70V7519S IDT-IDT70V7519S_15 Datasheet
756Kb / 22P
   HIGH-SPEED 3.3V 256K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM
IDT70V7599S IDT-IDT70V7599S_15 Datasheet
755Kb / 22P
   HIGH-SPEED 3.3V 128K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM
IDT70V7339S IDT-IDT70V7339S Datasheet
482Kb / 22P
   HIGH-SPEED 3.3V 512K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com