Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67040-S4541 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # Q67040-S4541
Description  Off-Line SMPS Current Mode Controller with integrated 650V/ 800V CoolMOS
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

Q67040-S4541 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button Q67040-S4541 Datasheet HTML 3Page - Infineon Technologies AG Q67040-S4541 Datasheet HTML 4Page - Infineon Technologies AG Q67040-S4541 Datasheet HTML 5Page - Infineon Technologies AG Q67040-S4541 Datasheet HTML 6Page - Infineon Technologies AG Q67040-S4541 Datasheet HTML 7Page - Infineon Technologies AG Q67040-S4541 Datasheet HTML 8Page - Infineon Technologies AG Q67040-S4541 Datasheet HTML 9Page - Infineon Technologies AG Q67040-S4541 Datasheet HTML 10Page - Infineon Technologies AG Q67040-S4541 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
Version 2.6
7
25 Dec 2006
CoolSET™-F2
Pin Configuration and Functionality
1.3 Pin Configuration with PG-TO220-6-46/
7
Figure 3
Pin Configuration PG-TO220-6-46/47
(top view)
1.4
Pin Configuration with PG-DSO-16/12
Figure 4
Pin Configuration PG-DSO-16/12 (top
view)
Pin
Symbol
Function
1Drain
650V1) CoolMOS™ Drain
1)
at Tj = 110°C
3
Isense
Controller Current Sense Input,
CoolMOS™ Source Output
4
GND
Controller Ground
5
VCC
Controller Supply Voltage
6
SoftS
Soft-Start
7
FB
Feedback
Package PG-TO220-6-46/47
1
2345
67
Pin
Symbol
Function
1
N.C.
Not Connected
2
SoftS
Soft-Start
3
FB
Feedback
4
Isense
Controller Current Sense Input,
CoolMOS™ Source Output
5Drain
650V1) CoolMOS™ Drain
1)
at Tj = 110°C
6Drain
650V1) CoolMOS™ Drain
7Drain
650V1) CoolMOS™ Drain
8Drain
650V1) CoolMOS™ Drain
9
N.C.
Not Connected
10
N.C.
Not Connected
11
VCC
Controller Supply Voltage
12
GND
Controller Ground
Package PG-DSO-16/12
10
11
12
9
VCC
SoftS
FB
Isense
N.C
N.C
GND
N.C.
Drain
Drain
8
7
3
2
1
4
Drain
Drain
5
6


Similar Part No. - Q67040-S4541

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
Q67040-S4549-A102 INFINEON-Q67040-S4549-A102 Datasheet
624Kb / 27P
   Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell
V2.0, 15 May 2003
More results

Similar Description - Q67040-S4541

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE2A280ZHKLA1 INFINEON-ICE2A280ZHKLA1 Datasheet
1Mb / 36P
   Off-Line SMPS Current Mode Controller with integrated 650V/800V CoolMOS?
V2.6, 25 Dec 2006
ICE2A0565 INFINEON-ICE2A0565 Datasheet
1Mb / 36P
   Off-Line SMPS Current Mode Controller with integrated 650V/800V CoolMOS
V2.6, 25 Dec 2006
ICE2A165 INFINEON-ICE2A165 Datasheet
1Mb / 23P
   Off-Line SMPS Current Mode Controller with integrated 650V/800V CoolMOS?
V3.0, September 2001
ICE2A0565 INFINEON-ICE2A0565_11 Datasheet
3Mb / 37P
   Off-Line SMPS Current Mode Controller with integrated 650V/800V CoolMOS?
V2.8, 30 Aug 2011
ICE2A380P2 INFINEON-ICE2A380P2 Datasheet
451Kb / 20P
   Off-Line SMPS Current Mode Controller with integrated 800V CoolMOS?
2004-09-23 Version 0.0
ICE3A1065ELJ INFINEON-ICE3A1065ELJ Datasheet
537Kb / 29P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS
Ver 2.1, 12 May 2009
ICE3A2065ELJ INFINEON-ICE3A2065ELJ Datasheet
538Kb / 29P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS
Ver 2.1, 12 May 2009
ICE3A0365 INFINEON-ICE3A0365 Datasheet
1Mb / 30P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/CoolMOS
V1.3, 15 Sep 2004
ICE3AR2280JZ INFINEON-ICE3AR2280JZ Datasheet
2Mb / 34P
   Off-Line SMPS Current Mode Controller with integrated 800V
Version 2.1a, 11 Jan 2012
ICE3BR2280JZ INFINEON-ICE3BR2280JZ Datasheet
2Mb / 34P
   Off-Line SMPS Current Mode Controller with integrated 800V
Version 2.1a, 11 Jan 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com