Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67040-S4546 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # Q67040-S4546
Description  Off-Line SMPS Current Mode Controller with integrated 650V/ 800V CoolMOS
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

Q67040-S4546 Datasheet(HTML) 3 Page - Infineon Technologies AG

  Q67040-S4546 Datasheet HTML 1Page - Infineon Technologies AG Q67040-S4546 Datasheet HTML 2Page - Infineon Technologies AG Q67040-S4546 Datasheet HTML 3Page - Infineon Technologies AG Q67040-S4546 Datasheet HTML 4Page - Infineon Technologies AG Q67040-S4546 Datasheet HTML 5Page - Infineon Technologies AG Q67040-S4546 Datasheet HTML 6Page - Infineon Technologies AG Q67040-S4546 Datasheet HTML 7Page - Infineon Technologies AG Q67040-S4546 Datasheet HTML 8Page - Infineon Technologies AG Q67040-S4546 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
Version 2.6
3
25 Dec 2006
CoolSET™-F2
P-TO220-6-46
P-TO220-6-47
PG-TO220-6-47
PG-TO220-6-46
P-DIP-8-4, -6
P-DIP-7-1
PG-DIP-7-1
PG-DIP-8-6
PG-DSO-16/12
Product Highlights
• Best in class in DIP8, DIP7, TO220 and DSO16/12
packages
• No heat-sink required for DIP8, DIP7 and DSO16/12
• Increased creepage distance for TO220, DIP7 and
DSO16/12
• Isolated drain for TO220 packages
• Lowest standby power dissipation
• Enhanced protection functions with
Auto Restart Mode
• Pb-free lead plating for all packages; RoHS compliant
C
Soft Start
C
VCC
R
Start-up
VCC
-
Converter
DC Output
+
CoolSET™-F2
Snubber
Power
Management
Protection Unit
Soft-Start Control
PWMController
Current Mode
FB
85 ... 270 VAC
Drain
Feedback
Feedback
Typical Application
CoolMOS™
PWM-Controller
Low Power
StandBy
Precise Low Tolerance
Peak Current Limitation
R
Sense
Isense
GND
SoftS
Description
The second generation CoolSET™-F2 provides several
special enhancements to satisfy the needs for low power
standby and protection features. In standby mode
frequency reduction is used to lower the power
consumption and support a stable output voltage in this
mode. The frequency reduction is limited to 20kHz/21.5
kHz to avoid audible noise. In case of failure modes like
open loop, overvoltage or overload due to short circuit the
device switches in Auto Restart Mode which is controlled by
the internal protection unit. By means of the internal precise
peak current limitation, the dimension of the transformer
and the secondary diode can be sized lower which leads to
more cost effective for the overall system.
Off-Line SMPS Current Mode Controller
with integrated 650V/800V CoolMOS™
Features
• 650V/800V avalanche rugged CoolMOS™
• Only few external components required
• Input Vcc Undervoltage Lockout
• 67kHz/100kHz switching frequency
• Max duty cycle 72%
• Low Power Standby Mode to meet
European Commission Requirements
• Thermal Shut Down with Auto Restart
• Overload and Open Loop Protection
• Overvoltage Protection during Auto Restart
• Adjustable Peak Current Limitation via
external resistor
• Overall tolerance of Current Limiting
< ±5%
• Internal Leading Edge Blanking
• User defined Soft Start
• Soft driving for low EMI


Similar Part No. - Q67040-S4546

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
Q67040-S4549-A102 INFINEON-Q67040-S4549-A102 Datasheet
624Kb / 27P
   Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell
V2.0, 15 May 2003
More results

Similar Description - Q67040-S4546

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE2A280ZHKLA1 INFINEON-ICE2A280ZHKLA1 Datasheet
1Mb / 36P
   Off-Line SMPS Current Mode Controller with integrated 650V/800V CoolMOS?
V2.6, 25 Dec 2006
ICE2A0565 INFINEON-ICE2A0565 Datasheet
1Mb / 36P
   Off-Line SMPS Current Mode Controller with integrated 650V/800V CoolMOS
V2.6, 25 Dec 2006
ICE2A165 INFINEON-ICE2A165 Datasheet
1Mb / 23P
   Off-Line SMPS Current Mode Controller with integrated 650V/800V CoolMOS?
V3.0, September 2001
ICE2A0565 INFINEON-ICE2A0565_11 Datasheet
3Mb / 37P
   Off-Line SMPS Current Mode Controller with integrated 650V/800V CoolMOS?
V2.8, 30 Aug 2011
ICE2A380P2 INFINEON-ICE2A380P2 Datasheet
451Kb / 20P
   Off-Line SMPS Current Mode Controller with integrated 800V CoolMOS?
2004-09-23 Version 0.0
ICE3A1065ELJ INFINEON-ICE3A1065ELJ Datasheet
537Kb / 29P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS
Ver 2.1, 12 May 2009
ICE3A2065ELJ INFINEON-ICE3A2065ELJ Datasheet
538Kb / 29P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS
Ver 2.1, 12 May 2009
ICE3A0365 INFINEON-ICE3A0365 Datasheet
1Mb / 30P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/CoolMOS
V1.3, 15 Sep 2004
ICE3AR2280JZ INFINEON-ICE3AR2280JZ Datasheet
2Mb / 34P
   Off-Line SMPS Current Mode Controller with integrated 800V
Version 2.1a, 11 Jan 2012
ICE3BR2280JZ INFINEON-ICE3BR2280JZ Datasheet
2Mb / 34P
   Off-Line SMPS Current Mode Controller with integrated 800V
Version 2.1a, 11 Jan 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com