Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP15AS220T05D15 Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TP15AS220T05D15
Description  15W 3KVAC Isolation Wide Input AC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP15AS220T05D15 Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TP15AS220T05D15 Datasheet HTML 1Page - Toppower Electronic Technology Limited TP15AS220T05D15 Datasheet HTML 2Page - Toppower Electronic Technology Limited TP15AS220T05D15 Datasheet HTML 3Page - Toppower Electronic Technology Limited TP15AS220T05D15 Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TP15AS Series
www.gztoppower.con
TEL:020-82019000
Email:sales@gztoppower.com
page 1 of 4
DESCRIPTION:
The rated output power of TP15AS converters is 15W with wide input voltage range, for both AC input and DC
input application. High reliability, precision, large power density, ultra-small size, no external heat sink required,
stable output voltage and etc, with over current protection, EMI filter circuit, the rectifier filter circuit, 3000V
isolation voltage, short circuit, overload, internal thermal protection. Widely used in telecommunications,
industrial control, instrument, data acquisition, signal control and other electronic systems.
15W 3KVAC Isolation Wide Input AC/DC Converters
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
FEATURES
Universal input voltage range
Both for AC and DC input voltage
Wide input voltage:2:1 and 4:1
Fixed switching frequency
Overheat protection
Over current protection
Short circuit protection
RoHS compliant
Operating temperature: -40℃ to 70℃
SELECTION GUIDE
Part Number
Input Voltage
Output
Efficiency
(Typ. )
%
Recommend output external capacitor
Rated
Range values
Voltage
VDC)
Current
A)
C1、C2、C3
C4
C5、C6
VAC)
TP15AS220S05
220(2:1)
165-265
5
3.00
76
0.1uF/25V
1000uF/16V
/
TP15AS220S12
220(2:1)
165-265
12
1.25
80
0.1uF/25V
470uF/25V
/
TP15AS220S15
220(2:1)
165-265
15
1.00
81
0.1uF/25V
470uF/25V
/
TP15AS220S24
220(2:1)
165-265
24
0.65
84
0.1uF/25V
330uF/35V
/
TP15AS220D05
220(2:1)
165-265
±5
±1.5
76
0.1uF/25V
1000uF/16V
1000uF/16V
TP15AS220D12
220(2:1)
165-265
±12
±0.63
81
0.1uF/25V
470uF/25V
470uF/25V
TP15AS220D15
220(2:1)
165-265
±15
±0.5
83
0.1uF/25V
470uF/25V
470uF/25V
TP15AS220D05P05
220(2:1)
165-265
+5/+5
2.5/0.5
76
0.1uF/25V
1000uF/16V
470uF/16V
TP15AS220D05P12
220(2:1)
165-265
+5/+12
1.8/0.5
80
0.1uF/25V
1000uF/16V
330uF/25V
TP15AS220D05P15
220(2:1)
165-265
+5/+15
1.8/0.4
80
0.1uF/25V
1000uF/16V
330uF/25V
TP15AS220D05P24
220(2:1)
165-265
+5/+24
1.6/0.3
81
0.1uF/25V
1000uF/16V
220uF/35V
TP15AS220T05D05
220(2:1)
165-265
+5/±5
2.6/±0.2
75
0.1uF/25V
1000uF/16V
330uF/16V
TP15AS220T05D12
220(2:1)
165-265
+5/±12
2.0/±0.2
77
0.1uF/25V
1000uF/16V
220uF/25V
TP15AS220T05D15
220(2:1)
165-265
+5/±15
1.8/±0.2
78
0.1uF/25V
1000uF/16V
220uF/25V
TP15AS220T05D24
220(2:1)
165-265
+5/±24
1.6/±0.15
79
0.1uF/25V
1000uF/16V
220uF/35V
TP15AS220S05W
220(4:1)
85-265
5
3.00
76
0.1uF/25V
1000uF/16V
/
TP15AS220S12W
220(4:1)
85-265
12
1.25
80
0.1uF/25V
470uF/25V
/
TP15AS220S15W
220(4:1)
85-265
15
1.00
81
0.1uF/25V
470uF/25V
/
TP15AS220S24W
220(4:1)
85-265
24
0.65
84
0.1uF/25V
330uF/35V
/
TP15AS220D05W
220(4:1)
85-265
±5
±1.50
76
0.1uF/25V
1000uF/16V
1000uF/16V
TP15AS220D12W
220(4:1)
85-265
±12
±0.63
81
0.1uF/25V
470uF/25V
470uF/25V
TP15AS220D15W
220(4:1)
85-265
±15
±0.50
83
0.1uF/25V
470uF/25V
470uF/25V
TP15AS220D05P05W
220(4:1)
85-265
+5/+5
2.5/0.5
76
0.1uF/25V
1000uF/16V
470uF/16V
TP15AS220D05P12W
220(4:1)
85-265
+5/+12
1.8/0.5
80
0.1uF/25V
1000uF/16V
330uF/25V
TP15AS220D05P15W
220(4:1)
85-265
+5/+15
1.8/0.4
80
0.1uF/25V
1000uF/16V
330uF/25V
TP15AS220D05P24W
220(4:1)
85-265
+5/+24
1.6/0.3
81
0.1uF/25V
1000uF/16V
220uF/35V
TP15AS220T05D05W
220(4:1)
85-265
+5/±5
2.6/±0.2
75
0.1uF/25V
1000uF/16V
330uF/16V
TP15AS220T05D12W
220(4:1)
85-265
+5/±12
2.0/±0.2
77
0.1uF/25V
1000uF/16V
220uF/25V
TP15AS220T05D15W
220(4:1)
85-265
+5/±15
1.8/±0.2
78
0.1uF/25V
1000uF/16V
220uF/25V
TP15AS220T05D24W
220(4:1)
85-265
+5/±24
1.6/±0.15
79
0.1uF/25V
1000uF/16V
200uF/35V
TOPPOWER


Similar Part No. - TP15AS220T05D15

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP15AC TOPPOWER-TP15AC Datasheet
741Kb / 3P
   15W 4KVAC Isolation Wide Input AC/DC Converters
TP15AC220S03W TOPPOWER-TP15AC220S03W Datasheet
741Kb / 3P
   15W 4KVAC Isolation Wide Input AC/DC Converters
TP15AC220S05W TOPPOWER-TP15AC220S05W Datasheet
741Kb / 3P
   15W 4KVAC Isolation Wide Input AC/DC Converters
TP15AC220S09W TOPPOWER-TP15AC220S09W Datasheet
741Kb / 3P
   15W 4KVAC Isolation Wide Input AC/DC Converters
TP15AC220S12W TOPPOWER-TP15AC220S12W Datasheet
741Kb / 3P
   15W 4KVAC Isolation Wide Input AC/DC Converters
More results

Similar Description - TP15AS220T05D15

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP15AU TOPPOWER-TP15AU Datasheet
772Kb / 4P
   15W 3KVAC Isolation Wide Input AC/DC Converters
TP15AT TOPPOWER-TP15AT_18 Datasheet
695Kb / 4P
   15W 3KVAC Isolation Wide Input AC/DC Converters
TP03AL220S03LSW TOPPOWER-TP03AL220S03LSW Datasheet
827Kb / 3P
   3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AC TOPPOWER-TP03AC_19 Datasheet
718Kb / 3P
   3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AC TOPPOWER-TP03AC_V01 Datasheet
249Kb / 3P
   3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AL TOPPOWER-TP03AL_19 Datasheet
808Kb / 3P
   3W 3KVAC Isolation Wide Input AC/DC Converters
TP05AR TOPPOWER-TP05AR_V01 Datasheet
245Kb / 4P
   5W 3KVAC Isolation Wide Input AC/DC Converters
TP03AA TOPPOWER-TP03AA_17 Datasheet
470Kb / 4P
   3W 3KVAC Isolation Wide Input AC/DC Converters
TP30AU TOPPOWER-TP30AU Datasheet
654Kb / 3P
   30W 3KVAC Isolation Wide Input AC/DC Converters
TP03AL TOPPOWER-TP03AL_17 Datasheet
525Kb / 3P
   3W 3KVAC Isolation Wide Input AC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com