Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP7653ER-L Datasheet(PDF) 11 Page - Sipex Corporation

Part # SP7653ER-L
Description  Wide Input Voltage Range, 1.3MHz,Buck Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7653ER-L Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SP7653ER-L Datasheet HTML 4Page - Sipex Corporation SP7653ER-L Datasheet HTML 5Page - Sipex Corporation SP7653ER-L Datasheet HTML 6Page - Sipex Corporation SP7653ER-L Datasheet HTML 7Page - Sipex Corporation SP7653ER-L Datasheet HTML 8Page - Sipex Corporation SP7653ER-L Datasheet HTML 9Page - Sipex Corporation SP7653ER-L Datasheet HTML 10Page - Sipex Corporation SP7653ER-L Datasheet HTML 11Page - Sipex Corporation SP7653ER-L Datasheet HTML 12Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
Date: 03/25/05
SP7653 Wide Input Voltage Range, 1.3MHz, Buck Regulator
© Copyright 2005 Sipex Corporation
PACKAGE: 26 PIN DFN
Top View
D
E
(7 x 4 mm)
Side View
A3
A
A1
b
e
L
E2
Bottom View
D3
D2
D2
K
SYMBOL
MIN
NOM
MAX
A0.800
0.850
0.900
A1
0.000
-
0.050
A3
0.178
0.203
0.228
b0.170
0.220
0.270
D6.950
7.000
7.050
D2
2.000
2.050
2.100
D3
1.780
1.830
1.880
e
E3.950
4.000
4.050
E2
2.730
2.780
2.830
K0.340
0.390
0.440
J0.200
0.250
0.300
L0.350
0.400
0.450
Note: Dimensions in (mm)
26 Pin DFN
0.500 BSC
J


Similar Part No. - SP7653ER-L

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP7653ER-L EXAR-SP7653ER-L Datasheet
822Kb / 15P
   1.3MHz, Buck Regulator
SP7653ER-L/TR EXAR-SP7653ER-L/TR Datasheet
822Kb / 15P
   1.3MHz, Buck Regulator
More results

Similar Description - SP7653ER-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7653 SIPEX-SP7653_06 Datasheet
795Kb / 15P
   Wide Input Voltage Range, 1.3MHz, Buck Regulator
SP7661 SIPEX-SP7661_07 Datasheet
1Mb / 20P
   Wide Input Voltage Range 3A, 600kHz, Buck Regulator
SP7651 SIPEX-SP7651 Datasheet
117Kb / 12P
   Wide Input Voltage Range 3A, 900kHz, Buck Regulator
SP7655 SIPEX-SP7655 Datasheet
121Kb / 12P
   Wide Input Voltage Range 8A, 300kHz, Buck Regulator
SP7651 SIPEX-SP7651_07 Datasheet
1Mb / 15P
   Wide Input Voltage Range 3Amp 900kHz Buck Regulator
SP7662 SIPEX-SP7662 Datasheet
1Mb / 19P
   Wide Input Voltage Range 12A, 300kHz, Buck Regulator
SP7663 SIPEX-SP7663_07 Datasheet
1Mb / 19P
   Wide Input Voltage Range 6A, 600kHz, Buck Regulator
SP7661 SIPEX-SP7661 Datasheet
1,004Kb / 20P
   Wide Input Voltage Range 3A, 600kHz, Buck Regulator
SP7650 SIPEX-SP7650_06 Datasheet
1Mb / 16P
   Wide Input Voltage Range 3A, 300kHz, Buck Regulator
SP7652 SIPEX-SP7652_06 Datasheet
1Mb / 16P
   Wide Input Voltage Range 6A, 600kHz, Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com