Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4011 Datasheet(PDF) 3 Page - Tiger Electronic Co.,Ltd

Part # CD4011
Description  The CD4011 NAND gates provide the system designer with direct implementation of the NAND function
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

CD4011 Datasheet(HTML) 3 Page - Tiger Electronic Co.,Ltd

  CD4011 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd CD4011 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd CD4011 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd CD4011 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CD4011
DC Electrical Characteristics
(Voltages Referenced to GND)
VCC
Guaranteed Limit
Symbol
Parameter
Test Conditions
V
-55C
25
C 125
C
Unit
VIH
Minimum High-Level
Input Voltage
VIL
Maximum Low -Level
Input Voltage
VOUT=0.5 V or VCC - 0.5 V
VOUT=1.0 V or VCC - 1.0 V
VOUT=1.5 V or VCC - 1.5 V
VOUT= VCC - 0.5V
VOUT= VCC - 1.0 V
VOUT= VCC - 1.5V
5.0
10
15
5.0
10
15
3.5
7
11
1.5
3
4
3.5
7
11
1.5
3
4
3.5
7
11
1.5
3
4
V
V
VOH
Minimum High-Level
Output Voltage
VOL
Maximum Low-Level
Output Voltage
VIN=GND or VCC
5.0
10
15
VIN= VCC
5.0
10
15
4.95
9.95
14.95
0.05
0.05
0.05
4.95
9.95
14.95
0.05
0.05
0.05
4.95
9.95
14.95
0.05
0.05
0.05
V
V
IIN
Maximum Input
Leakage Current
VIN= GND or VCC
18
0.1
0.1
1.0
A
ICC
Maximum
u
Q
iescent
Supply Current
(per Package)
VIN= GND or VCC
5.0
10
15
20
0.25
0.5
1.0
5.0
0.25
0.5
1.0
5.0
7.5
15
30
150
A
IOL
Minimum Output Low
(Sink) Current
IOH
Minimum Output
VIN= GND or VCC
UOL=0.4 V
UOL=0.5 V
UOL=1.5 V
VIN= GND or VCC
5.0
10
15
0.64
1.6
4.2
0.51
1.3
3.4
0.36
0.9
2.4
mA
mA
High (Source) Current UOH=2.5 V
UOH=4.6
V
UOH=9.5
V
UOH=13.5 V
5.0
5.0
10
15
-2.0
-0.64
-1.6
-4.2
-1.6
-0.51
-1.3
-3.4
-1.15
-0.36
-0.9
-2.4
3


Similar Part No. - CD4011

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4011 NSC-CD4011 Datasheet
167Kb / 6P
   Quad 2-Input NOR,NAND Buffered B Series Gate
logo
Texas Instruments
CD4011 TI-CD4011 Datasheet
525Kb / 13P
[Old version datasheet]   CMOS NAND GATES
logo
National Semiconductor ...
CD4011 NSC-CD4011 Datasheet
164Kb / 6P
   Quad 2-Input NOR(NAND) Buffered B Series Gate
logo
List of Unclassifed Man...
CD4011 ETC2-CD4011 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Texas Instruments
CD40110 TI-CD40110 Datasheet
324Kb / 10P
[Old version datasheet]   CMOS DECADE UP-DOWN COUNTER/LATCH/DISPLAY DRIVER
More results

Similar Description - CD4011

ManufacturerPart #DatasheetDescription
logo
Estek Electronics Co. L...
IW4011B ESTEK-IW4011B Datasheet
98Kb / 4P
   NAND gates provide the system designer with direct implementation of the NAND function
logo
List of Unclassifed Man...
AP9926EO ETC1-AP9926EO Datasheet
82Kb / 6P
   Power MOSFETs from APEC provide the designer with the best combination of fast switching
logo
Microsemi Corporation
TSC321 MICROSEMI-TSC321 Datasheet
1Mb / 3P
   NAND Gates
TSC325 MICROSEMI-TSC325 Datasheet
853Kb / 3P
   NAND Gates
logo
Micro Electronics
MMC4011 MICRO-ELECTRONICS-MMC4011 Datasheet
106Kb / 4P
   NAND GATES
logo
STMicroelectronics
HCC4011B STMICROELECTRONICS-HCC4011B Datasheet
287Kb / 12P
   NAND GATES
logo
Freescale Semiconductor...
M68020 FREESCALE-M68020 Datasheet
9Mb / 313P
   The first full 32-bit implementation of the M68000 family of microprocessors from Motorola
logo
Texas Instruments
ADS5282EVM TI-ADS5282EVM Datasheet
2Mb / 29P
[Old version datasheet]   The following sections describe the function of individual circuits.
logo
Estek Electronics Co. L...
ET-IL7021 ESTEK-ET-IL7021 Datasheet
175Kb / 2P
   Function of this IC is accurately resetting the system
logo
Texas Instruments
54LS30 TI1-54LS30_11 Datasheet
370Kb / 8P
[Old version datasheet]   This device contains a single gate which performs the logic NAND function
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com