Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA3843ACD Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # KA3843ACD
Description  SMPS Controller
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA3843ACD Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KA3843ACD Datasheet HTML 1Page - Fairchild Semiconductor KA3843ACD Datasheet HTML 2Page - Fairchild Semiconductor KA3843ACD Datasheet HTML 3Page - Fairchild Semiconductor KA3843ACD Datasheet HTML 4Page - Fairchild Semiconductor KA3843ACD Datasheet HTML 5Page - Fairchild Semiconductor KA3843ACD Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.1
Features
• Low start current 0.2mA (typ)
• Operating range up to 500kHz
• Cycle by cycle current limiting
• Under voltage lock out with hysteresis
• Short shutdown delay time: typ.100ns
• High current totem-pole output
• Output swing limiting: 22V
Description
The KA3843AC are fixed PWM controller for Off-Line and
DC to DC converter applications. The internal circuits
include
UVLO, low start up current circuit, temperature
compensated reference, high gain error amplifier, current
sensing comparator, and high current totem-pole output for
driving a POWER MOSFET. Also KA3843AC provide low
start up current below 0.3mA and short shutdown delay
time typ. 100ns. The KA3843AC is 8.4V(on) and 7.6V(off).
The KA3843AC can operate within 100% duty cycle.
8-DIP
8-SOP
1
1
Internal Block Diagram
8
+
-
7
5
SET/
RESET
5V
VREF
Internal
Bias
Good LOGIC
2
R
S
OSCILLATOR
1
3
4
T
7
6
5
UVLO
29V
22V
1/3
Error Amp
1/2VREF
1V
C.S
Comp.
PWM
LATCH
VREF
VFB
COMP
C.S
RT/CT
OUTPUT
VCC
GND
PWR
VC
PWR
GND
KA3843AC
SMPS Controller


Similar Part No. - KA3843ACD

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
KA3843A WINGS-KA3843A Datasheet
662Kb / 9P
   Current���� Mode��PWM��Cont roller
KA3843AM WINGS-KA3843AM Datasheet
662Kb / 9P
   Current���� Mode��PWM��Cont roller
More results

Similar Description - KA3843ACD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7511 FAIRCHILD-KA7511 Datasheet
56Kb / 8P
   SMPS Controller
KA3842B FAIRCHILD-KA3842B_02 Datasheet
125Kb / 10P
   SMPS Controller
UC3842A FAIRCHILD-UC3842A Datasheet
42Kb / 8P
   SMPS Controller
logo
ARTSCHIP ELECTRONICS CO...
MC34063A ARTSCHIP-MC34063A Datasheet
334Kb / 10P
   SMPS Controller
logo
Fairchild Semiconductor
UC3842 FAIRCHILD-UC3842 Datasheet
127Kb / 12P
   SMPS Controller
UC3846 FAIRCHILD-UC3846 Datasheet
67Kb / 10P
   SMPS Controller
KA3525A FAIRCHILD-KA3525A Datasheet
78Kb / 5P
   SMPS CONTROLLER
KA7515 FAIRCHILD-KA7515 Datasheet
36Kb / 6P
   SMPS Controller
logo
ON Semiconductor
KA3525A ONSEMI-KA3525A Datasheet
207Kb / 8P
   SMPS Controller
Rev. 1.0.1
KA3843B ONSEMI-KA3843B Datasheet
243Kb / 12P
   SMPS Controller
Rev. 1.0.2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com