Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC87F74C8A Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # LC87F74C8A
Description  8-bit 1-chip Microcontroller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F74C8A Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LC87F74C8A Datasheet HTML 6Page - Sanyo Semicon Device LC87F74C8A Datasheet HTML 7Page - Sanyo Semicon Device LC87F74C8A Datasheet HTML 8Page - Sanyo Semicon Device LC87F74C8A Datasheet HTML 9Page - Sanyo Semicon Device LC87F74C8A Datasheet HTML 10Page - Sanyo Semicon Device LC87F74C8A Datasheet HTML 11Page - Sanyo Semicon Device LC87F74C8A Datasheet HTML 12Page - Sanyo Semicon Device LC87F74C8A Datasheet HTML 13Page - Sanyo Semicon Device LC87F74C8A Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
LC87F74C8A
No.7825-10/21
Absolute Maximum Ratings / Ta = 25°C, VSS1 = VSS2 = VSS3 = 0V
Limits
Parameter
Symbol
Pins
Conditions
VDD [V]
min
typ
max
unit
Supply voltage
VDD max
VDD1, VDD2, VDD3
VDD1 = VDD2 = VDD3
-0.3
+6.5
Supply voltage
for LCD
VLCD
V1/PL4, V2/PL5, V3/PL6
VDD1 = VDD2 = VDD3
-0.3
VDD
Input voltage
VI
Port L
XT1, XT2, CF1, RES
-0.3
VDD+0.3
Input/Output
voltage
VIO(1)
• Port 0, 1, 3, 7, 8
• Port A, B, C, D, E, F
-0.3
VDD+0.3
V
IOPH(1)
Port 0, 1, 3
• CMOS output selected
• Current at each pin
-10
IOPH(2)
Port 71, 72, 73
Current at each pin
-3
Peak
output
current
IOPH(3)
Port A, B, C, D, E, F
Current at each pin
-5
ΣIOAH(1)
Port 0, 1, 32 to 35
Total of all pins
-40
ΣIOAH(2)
Port 30, 31
Total of all pins
-10
ΣIOAH(3)
Port 7
Total of all pins
-5
ΣIOAH(4)
Port A, B, C
Total of all pins
-25
High
level
output
current
Total
output
current
ΣIOAH(5)
Port D, E, F
Total of all pins
-25
IOPL(1)
Port 0, 1, 32 to 35
Current at each pin
20
IOPL(2)
Port 30, 31
Current at each pin
30
IOPL(3)
Port 7, 8
Current at each pin
5
Peak
output
current
IOPL(4)
Port A, B, C, D, E, F
Current at each pin
15
ΣIOAL(1)
Port 0, 1, 32 to 35
Total of all pins
60
ΣIOAL(2)
Port 30, 31
Total of all pins
60
ΣIOAL(3)
Port 7, 8
Total of all pins
20
ΣIOAL(4)
Port A, B, C
Total of all pins
40
Low
level
output
current
Total
output
current
ΣIOAL(5)
Port D, E, F
Total of all pins
40
mA
QIP100E
559
Maximum power
consumption
Pd max
TQFP100
Ta = -20 to +70°C
404
mW
Operating
temperature range
Topr
-20
70
Storage
temperature range
Tstg
-55
125
°C
Back-up
Capacitors *2
Power
Supply
LSI
VDD1
VDD2
VDD3
VSS3
VSS2
VSS1


Similar Part No. - LC87F74C8A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F7032A SANYO-LC87F7032A Datasheet
136Kb / 21P
   CMOS IC FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F72C8A SANYO-LC87F72C8A Datasheet
717Kb / 24P
   8-Bit Single Chip Microcontroller with 128 KB Flash Memory and 2048-Byte RAM On Chip
LC87F76C8A SANYO-LC87F76C8A Datasheet
163Kb / 24P
   FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
logo
ON Semiconductor
LC87F76C8A ONSEMI-LC87F76C8A Datasheet
187Kb / 24P
   8-bit 1-chip Microcontroller
May, 2013 Ver.0.09
logo
Sanyo Semicon Device
LC87F7932B SANYO-LC87F7932B Datasheet
196Kb / 29P
   32K-byte FROM and 2048-byte RAM integrated 8-bit 1-chip Microcontroller
More results

Similar Description - LC87F74C8A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA1384B ONSEMI-ENA1384B Datasheet
269Kb / 30P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.20
ENA1455A ONSEMI-ENA1455A Datasheet
198Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
ENA1869A ONSEMI-ENA1869A Datasheet
242Kb / 26P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1898A ONSEMI-ENA1898A Datasheet
177Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00a
ENA1955 ONSEMI-ENA1955 Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1956A ONSEMI-ENA1956A Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.03
ENA2304 ONSEMI-ENA2304 Datasheet
302Kb / 31P
   8-bit 1-chip Microcontroller
March, 2014 Ver. 1.01
EN8298B ONSEMI-EN8298B Datasheet
167Kb / 23P
   8-bit 1-chip Microcontroller
May, 2013 Ver.3.00
ENA0664 ONSEMI-ENA0664 Datasheet
186Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.01
ENA0886 ONSEMI-ENA0886 Datasheet
204Kb / 29P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F5VP6A SANYO-LC87F5VP6A Datasheet
168Kb / 27P
   8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com