Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC863448B Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC863448B
Description  8-bit 1-chip Microcontroller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC863448B Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC863448B Datasheet HTML 1Page - Sanyo Semicon Device LC863448B Datasheet HTML 2Page - Sanyo Semicon Device LC863448B Datasheet HTML 3Page - Sanyo Semicon Device LC863448B Datasheet HTML 4Page - Sanyo Semicon Device LC863448B Datasheet HTML 5Page - Sanyo Semicon Device LC863448B Datasheet HTML 6Page - Sanyo Semicon Device LC863448B Datasheet HTML 7Page - Sanyo Semicon Device LC863448B Datasheet HTML 8Page - Sanyo Semicon Device LC863448B Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
LC863448B/40B/32B/28B/24B/20B/16B
No.7935-2/17
Features
Read-Only Memory (ROM)
: 49152 × 8-bits/40960 × 8-bits/32768 × 8-bits/
28672 × 8-bits/24576 × 8-bits/20480 × 8-bits/
16384 × 8-bits for program
16128 × 8-bits for CGROM
Random Access Memory (RAM) : 512 × 8-bits (working area) : LC863448B/40B
384 × 8-bits (working area) : LC863432B/28B/24B/20B/16B
128 × 8-bits (working or ROM correction function)
352 × 9-bits (for CRT display)
OSD functions
• Screen display : 36 characters × 16 lines (by software)
• RAM
: 352 words (9-bits per word)
Display area : 36 words × 8 lines
Control area : 8 words × 8 lines
• Characters
Up to 252 kinds of 16 × 32 dot character fonts (4 characters including 1 test character are not programmable)
Each font can be divided into two parts and used as two fonts (Ex. 16 × 16 dot character font × 2)
At least 111 characters need to be divide between a 16 × 17 dot and 8 × 9 dot character font to display the caption
fonts.
• Various character attributes
Character colors
: 16 colors (analog mode : l Vp-p output) /8 colors (digital mode)
Character background colors : 16 colors (analog mode : l Vp-p output) /8 colors (digital mode)
Fringe/shadow colors
: 16 colors (analog mode : l Vp-p output) /8 colors (digital mode)
Full screen colors
: 16 colors (analog mode : l Vp-p output) /8 colors (digital mode)
Rounding
Underline
Italic character (slanting)
• Attribute can be changed without spacing
• Vertical display start line number can be set for each row independently (Rows can be overlapped)
• Horizontal display start position can be set for each row independently
• Horizontal pitch (bit 9 to 16) *1 and vertical pitch (bit 1 to 32) can be set for each row independently
• Different display modes can be set for each row independently
Caption
• Text mode/OSD mode 1/OSD mode 2 (Quarter size) /Simplified graphic mode
• Ten character sizes *1
Horez. × Vert. = (1 × 1), (1 × 2), (2 × 2), (2 × 4), (0.5 × 0.5)
(1.5 × 1), (1.5 × 2), (3 × 2), (3 × 4), (0.75 × 0.5)
• Shuttering and scrolling on each row
• Simplified Graphic Display
*1 Note : range depends on display mode : refer to the manual for details.
Data Slicer (closed caption format)
• Closed caption data and XDS data extraction
• NTSC/PAL, and extracted line can be specified
Bus Cycle Time/Instruction-Cycle Time
Bus cycle time
Instruction cycle time
Clock divider
System clock oscillation
Oscillation frequency
Voltage
0.424
µs
0.848
µs
1/2
Internal VCO
(Ref : X'tal 32.768kHz)
14.156MHz
4.5V to 5.5V
7.5
µs
15.0
µs
1/2
Internal RC
800kHz
4.5V to 5.5V
91.55
µs
183.1
µs
1/1
Crystal
32.768kHz
4.5V to 5.5V
183.1
µs
366.2
µs
1/2
Crystal
32.768kHz
4.5V to 5.5V
Ports
• Input/Output Ports
: 4 ports (23 terminals)
Data direction programmable in nibble units
: 1 port (8 terminals)
(If the N-ch open drain output is selected by option, the corresponding port data can be read in output mode.)
Data direction programmable for each bit individually : 3 ports (15 terminals)


Similar Part No. - LC863448B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863448C SANYO-LC863448C Datasheet
126Kb / 18P
   8-bit 1-chip Microcontroller
More results

Similar Description - LC863448B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA1384B ONSEMI-ENA1384B Datasheet
269Kb / 30P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.20
ENA1455A ONSEMI-ENA1455A Datasheet
198Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
ENA1869A ONSEMI-ENA1869A Datasheet
242Kb / 26P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1898A ONSEMI-ENA1898A Datasheet
177Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00a
ENA1955 ONSEMI-ENA1955 Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1956A ONSEMI-ENA1956A Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.03
ENA2304 ONSEMI-ENA2304 Datasheet
302Kb / 31P
   8-bit 1-chip Microcontroller
March, 2014 Ver. 1.01
EN8298B ONSEMI-EN8298B Datasheet
167Kb / 23P
   8-bit 1-chip Microcontroller
May, 2013 Ver.3.00
ENA0664 ONSEMI-ENA0664 Datasheet
186Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.01
ENA0886 ONSEMI-ENA0886 Datasheet
204Kb / 29P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F5VP6A SANYO-LC87F5VP6A Datasheet
168Kb / 27P
   8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com