Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4845ITL Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4845ITL
Description  Output Capacitor-less Audio Subsystem with Programmable National 3D
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4845ITL Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM4845ITL Datasheet HTML 5Page - National Semiconductor (TI) LM4845ITL Datasheet HTML 6Page - National Semiconductor (TI) LM4845ITL Datasheet HTML 7Page - National Semiconductor (TI) LM4845ITL Datasheet HTML 8Page - National Semiconductor (TI) LM4845ITL Datasheet HTML 9Page - National Semiconductor (TI) LM4845ITL Datasheet HTML 10Page - National Semiconductor (TI) LM4845ITL Datasheet HTML 11Page - National Semiconductor (TI) LM4845ITL Datasheet HTML 12Page - National Semiconductor (TI) LM4845ITL Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
External Components Description
Components
Functional Description
1C
IN
This is the input coupling capacitor. It blocks the DC voltage and couples the input signal to the
amplifier’s input terminals. C
IN also creates a highpass filter with the internal resistor Ri (Input
Impedance) at f
c = 1/(2
πR
iCIN).
2C
SUPPLY
This is the supply bypass capacitor. It filters the supply voltage applied to the V
DD pin.
3C
BYPASS
This is the BYPASS pin capacitor. It filters the 1/2V
DD voltage.
4C
3DL
This is the left channel 3D capacitor.
5C
3DR
This is the right channel 3D capacitor.
6C
OL
This is the left channel DC blocking output capacitor.
7C
OR
This is the right channel DC blocking output capacitor.
8C
I2CSPI_SUPPLY
This is the I
2C/SPI supply bypass capacitor. It filters the I2C/SPI supply voltage applied to the
I
2C/SPI_V
DD pin.
9R
3DL
This is the left channel 3D external resistor. OPTIONAL.
10
R
3DR
This is the right channel 3D external resistor. OPTIONAL.
Typical Performance Characteristics
THD+N vs Frequency
V
DD = 3.3V, RL =8
Ω,P
O = 250mW
Mode 1, BTL
THD+N vs Frequency
V
DD = 3.3V, RL =32
Ω,P
O = 12mW
Mode 4, OCL
20105929
20105930
THD+N vs Frequency
V
DD = 3.3V, RL =32
Ω,P
O = 12mW
Mode 6, OCL
THD+N vs Frequency
V
DD = 3.3V, RL =32
Ω,P
O = 12mW
Mode 4, SE
20105939
20105931
www.national.com
9


Similar Part No. - LM4845ITL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4840 NSC-LM4840 Datasheet
786Kb / 19P
   Stereo 2W Audio Power Amplifiers with Digital Volume Control and Input Mux
LM4840LQ NSC-LM4840LQ Datasheet
786Kb / 19P
   Stereo 2W Audio Power Amplifiers with Digital Volume Control and Input Mux
LM4840MH NSC-LM4840MH Datasheet
786Kb / 19P
   Stereo 2W Audio Power Amplifiers with Digital Volume Control and Input Mux
LM4840MT NSC-LM4840MT Datasheet
786Kb / 19P
   Stereo 2W Audio Power Amplifiers with Digital Volume Control and Input Mux
LM4841 NSC-LM4841 Datasheet
1Mb / 31P
   Stereo 2W Amplifiers with DC Volume Control, Transient Free Outputs, and Cap-less Headphone Drive
More results

Similar Description - LM4845ITL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4946 NSC-LM4946_07 Datasheet
806Kb / 34P
   Output Capacitor-Less Audio Subsystem with Programmable National 3D
LM4846 NSC-LM4846 Datasheet
686Kb / 19P
   Output Capacitor-less Audio Subsystem with Programmable National 3D
logo
Texas Instruments
LM4946 TI1-LM4946 Datasheet
1Mb / 37P
[Old version datasheet]   Output Capacitor-Less Audio Subsystem with Programmable TI 3D
logo
National Semiconductor ...
LM4947 NSC-LM4947 Datasheet
1Mb / 32P
   Mono Class D and Stereo Audio Subsystem with OCL Headphone Amplifier and National 3D
logo
Unisonic Technologies
LR9107XG-XX-AF5-R UTC-LR9107XG-XX-AF5-R Datasheet
212Kb / 5P
   OUTPUT CAPACITOR-LESS
logo
National Semiconductor ...
LM4540 NSC-LM4540 Datasheet
298Kb / 16P
   AC ??7 Codec with National 3D Sound
LM4543 NSC-LM4543 Datasheet
304Kb / 16P
   AC ??7 Codec with National 3D Sound
logo
Rohm
BH76806FVM ROHM-BH76806FVM_09 Datasheet
489Kb / 17P
   Output Capacitor-less Video Drivers
BH76806FVM-TR ROHM-BH76806FVM-TR Datasheet
502Kb / 17P
   Output Capacitor-less Video Drivers
logo
National Semiconductor ...
LM48410 NSC-LM48410 Datasheet
735Kb / 20P
   Low EMI, Filterless, 2.3W Stereo Class D Audio Power Amplifier with National 3D Enhancement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com