Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HC4016TTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC4016TTR
Description  QUAD BILATERAL SWITCH
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC4016TTR Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC4016TTR Datasheet HTML 1Page - STMicroelectronics M74HC4016TTR Datasheet HTML 2Page - STMicroelectronics M74HC4016TTR Datasheet HTML 3Page - STMicroelectronics M74HC4016TTR Datasheet HTML 4Page - STMicroelectronics M74HC4016TTR Datasheet HTML 5Page - STMicroelectronics M74HC4016TTR Datasheet HTML 6Page - STMicroelectronics M74HC4016TTR Datasheet HTML 7Page - STMicroelectronics M74HC4016TTR Datasheet HTML 8Page - STMicroelectronics M74HC4016TTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
August 2001
s
HIGH SPEED:
tPD = 9ns (TYP.) at VCC = 6V
s
LOW POWER DISSIPATION:
ICC = 1µA(MAX.) at TA=25°C
s
LOW "ON" RESISTANCE:
RON = 60Ω TYP. AT VCC = 9V, II/O = 100 µA
s
WIDE OPERATING VOLTAGE RANGE
VCC (OPR) = 2V TO 12V
s
SINE WAVE DISTORTION:
0.042% at VCC = 9Vpp , f = 1KHz
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 28 % VCC (MIN.)
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 4016
DESCRIPTION
The M74HC4016 is an high speed CMOS QUAD
BILATERAL SWITCH fabricated with silicon gate
C2MOS technology.
The C input is provided to control the switch; the
switch is on when the C input is held high and off
when C is held low.
M74HC4016
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
M74HC4016B1R
SOP
M74HC4016M1R
M74HC4016RM13TR
TSSOP
M74HC4016TTR
TSSOP
DIP
SOP
QUAD BILATERAL SWITCH


Similar Part No. - M74HC4016TTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4016 STMICROELECTRONICS-M74HC4016 Datasheet
257Kb / 11P
   QUAD BILATERAL SWITCH
M74HC4016B1R STMICROELECTRONICS-M74HC4016B1R Datasheet
257Kb / 11P
   QUAD BILATERAL SWITCH
M74HC4016C1R STMICROELECTRONICS-M74HC4016C1R Datasheet
257Kb / 11P
   QUAD BILATERAL SWITCH
M74HC4016M1R STMICROELECTRONICS-M74HC4016M1R Datasheet
257Kb / 11P
   QUAD BILATERAL SWITCH
More results

Similar Description - M74HC4016TTR

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC4066AP TOSHIBA-TC74HC4066AP Datasheet
278Kb / 6P
   QUAD BILATERAL SWITCH
logo
System Logic Semiconduc...
SL4066B SLS-SL4066B Datasheet
43Kb / 6P
   Quad Bilateral Switch
logo
Sanyo Semicon Device
LC4966 SANYO-LC4966 Datasheet
90Kb / 6P
   Quad Bilateral Switch
logo
STMicroelectronics
M54HC4016 STMICROELECTRONICS-M54HC4016 Datasheet
257Kb / 11P
   QUAD BILATERAL SWITCH
74LVQ4066 STMICROELECTRONICS-74LVQ4066_04 Datasheet
244Kb / 12P
   QUAD BILATERAL SWITCH
logo
Unisonic Technologies
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
   QUAD BILATERAL SWITCH
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
   QUAD BILATERAL SWITCH
U74HCT4066 UTC-U74HCT4066 Datasheet
201Kb / 6P
   QUAD BILATERAL SWITCH
logo
Micro Electronics
MMC4016 MICRO-ELECTRONICS-MMC4016 Datasheet
122Kb / 4P
   QUAD BILATERAL SWITCH
logo
IK Semicon Co., Ltd
IW4016B IKSEMICON-IW4016B Datasheet
388Kb / 10P
   Quad Bilateral Switch
logo
Toshiba Semiconductor
TC4066BP TOSHIBA-TC4066BP Datasheet
315Kb / 7P
   QUAD BILATERAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com