Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M64611FP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # M64611FP
Description  DIGITAL SERVO MOTOR CONTROL FOR RADIO CONTROL
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M64611FP Datasheet(HTML) 3 Page - Renesas Technology Corp

  M64611FP Datasheet HTML 1Page - Renesas Technology Corp M64611FP Datasheet HTML 2Page - Renesas Technology Corp M64611FP Datasheet HTML 3Page - Renesas Technology Corp M64611FP Datasheet HTML 4Page - Renesas Technology Corp M64611FP Datasheet HTML 5Page - Renesas Technology Corp M64611FP Datasheet HTML 6Page - Renesas Technology Corp M64611FP Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
M64611FP
Rev.1.00, Aug.26.2003, page 3 of 6
Input Table
<Boost>
<Max Duty >
about 97%
about 94%
about 88%
about 82%
<Dead Band >
DB2
Input
L
H
L
L
L
H
H
H
Set value
DB1
13tosc
6tosc
9tosc
4tosc
<Stretcher Gain >
MD2
Input
L
H
L
L
L
H
H
H
MD1
Set value
BT2
Input
L
H
L
L
L
H
H
H
BT1
Set value
12x64xtosc
64x64xtosc
28x64xtosc
116x64xtosc
ST2
Input
L
H
L
L
L
H
H
H
ST1
Set value
x 1
x 4
x 2
x 8
Note:
tosc: oscillation period of resonator
Absolute Maximum Ratings
(Ta = –20 to 75°C, unless otherwise noted)
Symbol
Parameter
Test Conditions
Ratings
Unit
VCC
Supply voltage
–0.3 to +9.0
V
lo
Output current
OUT1, OUT2
–5 to +5
mA
pd
Power dissipation
Ta = 25°C
630
mW
Topr
Operating temperature
–20 to +75
°C
Tstg
Storage temperature
–40 to 125
°C
Thermal Derating (Absolute Maximum Rating)
0
200
400
600
800
1000
0
25
50
75
100
125
Temperature Ta (˚C)
Recommended operating conditions
(Ta = –20 to +75°C)
Symbol
Parameter
Conditions
Ratings
Unit
VCC
Supply voltage
4.0 to 9.0
V
VINPin
Pin input voltage
0 to Vcc
V
VINPOT
POT input voltage
0.2 to 2.0
V
IOVreg
Vreg output current
–2 to 0
mA
VOROP3
ROP3 output voltage rage
0.2 to 2.0
V


Similar Part No. - M64611FP

ManufacturerPart #DatasheetDescription
logo
Enercon Technologies Eu...
M64 ENERCON-M64 Datasheet
375Kb / 2P
   Rugged Small Size USB3 Flash Drive
logo
Deep Sea Electronics
M640 DSE-M640 Datasheet
1Mb / 7P
   PROGRAMMABLE CONTROLLER FOR USE IN VEHICLES AND OFF-HIGHWAY MACHINERY
logo
Mitsubishi Electric Sem...
M64080GP MITSUBISHI-M64080GP Datasheet
255Kb / 10P
   410MHz 2SYSTEM 1CHIP PLL FREQUENCY SYNTHESIZER
M64092FP MITSUBISHI-M64092FP Datasheet
282Kb / 7P
   Serial input pll prequency synthesizer for TV/VCR
logo
Enercon Technologies Eu...
M641 ENERCON-M641 Datasheet
550Kb / 5P
   DC/DC POWER SUPPLY
Nov 2, 2021
More results

Similar Description - M64611FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51660L MITSUBISHI-M51660L Datasheet
75Kb / 4P
   SERVO MOTOR CONTROL FOR RADIO CONTROL
logo
Diodes Incorporated
ZXBM5409Q DIODES-ZXBM5409Q Datasheet
399Kb / 14P
   BRUSHED DC MOTOR DRIVER WITH SERVO CONTROL
April 2019 Rev. 3 - 2
ZXBM5408Q DIODES-ZXBM5408Q Datasheet
1Mb / 16P
   BRUSHED DC MOTOR DRIVER WITH SERVO CONTROL
September 2022 Rev. 2 - 2
logo
Rohm
BU38603 ROHM-BU38603 Datasheet
78Kb / 7P
   System control servo
logo
rfsolutions.ltd
PROBLADE RFSOLUTIONS-PROBLADE Datasheet
2Mb / 7P
   Professional Radio Control
204PRO4-433F RFSOLUTIONS-204PRO4-433F Datasheet
1Mb / 6P
   Professional Radio Control
PRO-BLADE8 RFSOLUTIONS-PRO-BLADE8 Datasheet
526Kb / 6P
   Professional Radio Control
logo
NTE Electronics
NTE1446 NTE-NTE1446 Datasheet
18Kb / 2P
   Integrated Circuit Servo Control for VCR
logo
Toshiba Semiconductor
THS128 TOSHIBA-THS128 Datasheet
120Kb / 2P
   HIGH STABILITY MOTOR CONTROL. DIGITAL TACHOMETER.
logo
List of Unclassifed Man...
SV2B5-Q-RE ETC2-SV2B5-Q-RE Datasheet
165Kb / 3P
   Digital Servo Drive w/ On-board motion control
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com