Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1583 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1583
Description  MAX1583 Evaluation Kit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1583 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1583 Datasheet HTML 1Page - Maxim Integrated Products MAX1583 Datasheet HTML 2Page - Maxim Integrated Products MAX1583 Datasheet HTML 3Page - Maxim Integrated Products MAX1583 Datasheet HTML 4Page - Maxim Integrated Products MAX1583 Datasheet HTML 5Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MAX1583 Evaluation Kit
2
_______________________________________________________________________________________
Recommended Equipment
•0 to +6V at 1A, variable-output power supply
• Two digital multimeters (DMMs)
Quick Start
The MAX1583 EV kit is fully assembled and tested.
Perform the following steps to verify board operation:
1) Verify that shunts are across pins 2 and 3 of
jumpers JU1 (EN2) and JU2 (EN1). This places the
MAX1583 into shutdown mode.
2) Verify that JU3 is open.
3) Preset the power supply to 2.7V and turn off. Do
not turn on the power supply until all connec-
tions are completed.
4) Connect the positive lead of the power supply to the
VIN pad on the EV kit PC board. Connect the
ground lead of the power supply to the GND pad on
the EV kit PC board.
5) Connect the positive lead of one DMM to the OUT
pad on the EV kit PC board and connect the nega-
tive lead of the DMM to the GND pad. This DMM
measures the voltage at OUT (VOUT).
6) Connect the positive lead of the other DMM to POK
on the EV kit PC board and connect the negative
lead of the DMM to the GND pad. This DMM mea-
sures the voltage at POK (VPOK).
7) Turn on the power supply.
8) Verify that the white LED module is off.
9) Remove the shunt on JU2 and place it between
pins 1 and 2 of JU2. This places the MAX1583 into
movie mode.
10) Verify that the white LED module lights up. VOUT
should read approximately 7V.
11) Sweep the input voltage from 2.7V to 5.5V, verifying
that the LED module remains on with constant
brightness and VOUT does not change.
12) Set the power supply to 2.7V.
13) Remove the shunt on JU2 and place it between
pins 1 and 2 of JU3. Remove the shunt on JU1 and
place it between pins 1 and 2 of JU1. This places
the MAX1583 into precharge mode.
14) Verify that the white LED module is off. Verify that
VOUT is approximately 23.5V and VPOK is approxi-
mately 2.7V.
15) Sweep the power supply to 5.5V. Verify that the LED
module remains off, VOUT is approximately 23.5V,
and VPOK tracks VVIN.
16) Set the power supply to 3.3V.
17) Push the button on the bottom of the EV kit. This
enables a strobe/flash.
18) Verify that the LED module flashes.
Detailed Description
Jumper Selection
EN1 and EN2 on the MAX1583 provide control for shut-
down mode, movie mode, precharge mode, and strobe
mode. Jumpers JU1 and JU2 connect EN2 and EN1 to
either VIN or GND (see Table 1). An external signal can
be used to drive EN1 or EN2 by removing the corre-
sponding shunt completely from the jumper and con-
necting the external signal to the appropriate connect-
ing pad. JU3 enables the pulse generator for the strobe
mode. JU3 must be open if a jumper is installed on
JU2 or if EN1 is externally driven.
Setting LED Current
The preset LED current in movie mode is 20mA. To set
a different movie-mode LED current, change R2, where
R2 = 60 / ILED(MOVIE). The MAX1583 is capable of
movie-mode currents up to 100mA.
The preset LED current in strobe mode is 100mA. To
set a different strobe-mode LED current, change R1,
where R1 = 600 / ILED(STROBE). The MAX1583 can reg-
ulate strobe-mode LED currents up to 300mA; however,
the LED installed on the MAX1583 EV kit has a maxi-
mum pulse-current rating of 100mA. If larger currents
are desired, a new LED with a higher pulsed current
rating must be installed on the EV kit.
Evaluating Off-Board LEDs
The MAX1583 EV kit allows for easy evaluation of off-
board LEDs. To evaluate off-board LEDs, first remove
the installed LED module, D2. Next, connect the pad
labeled OUT on the EV kit to the anode of the series
LED string under evaluation and connect the cathode
of the external series LED string to the EV kit pad
labeled LED.
Component List (continued)
DESIGNATION
QTY
DESCRIPTION
U1
1
MAX1583XETB (10-pin TDFN)
U2
1
MAX6422XS23 (SOT23)
None
2
Shunts
None
1
MAX1583 EV kit PC board


Similar Part No. - MAX1583

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX158 MAXIM-MAX158 Datasheet
276Kb / 10P
   High-Efficiency, 26V Step-Up Converter for White LED Main and Subdisplay Backlighting
19-2783; Rev 0; 4/03
MAX1582 MAXIM-MAX1582 Datasheet
276Kb / 10P
   High-Efficiency, 26V Step-Up Converter for White LED Main and Subdisplay Backlighting
19-2783; Rev 0; 4/03
MAX1582EBE-T MAXIM-MAX1582EBE-T Datasheet
276Kb / 10P
   High-Efficiency, 26V Step-Up Converter for White LED Main and Subdisplay Backlighting
19-2783; Rev 0; 4/03
MAX1582ETC MAXIM-MAX1582ETC Datasheet
276Kb / 10P
   High-Efficiency, 26V Step-Up Converter for White LED Main and Subdisplay Backlighting
19-2783; Rev 0; 4/03
MAX1584 MAXIM-MAX1584 Datasheet
632Kb / 29P
   5-Channel Slim DSC Power Supplies
19-2883; Rev 0; 7/03
More results

Similar Description - MAX1583

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17681EVKITC MAXIM-MAX17681EVKITC Datasheet
2Mb / 11P
   Evaluation Kit
Rev 0; 2/16
logo
STMicroelectronics
UM0382 STMICROELECTRONICS-UM0382 Datasheet
1Mb / 32P
   Evaluation Kit
January 2007 Rev 2
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
   Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
   Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
   Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
   Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
   Evaluation Kit
Rev 1; 2/98
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
   Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
   Evaluation Kit
Rev 0; 11/03
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
   Evaluation Kit
Rev 0; 9/02
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com