Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1572ETC180 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1572ETC180
Description  800mA, 2MHz, PWM DC-to-DC Step-Down Converter with RESET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1572ETC180 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1572ETC180 Datasheet HTML 1Page - Maxim Integrated Products MAX1572ETC180 Datasheet HTML 2Page - Maxim Integrated Products MAX1572ETC180 Datasheet HTML 3Page - Maxim Integrated Products MAX1572ETC180 Datasheet HTML 4Page - Maxim Integrated Products MAX1572ETC180 Datasheet HTML 5Page - Maxim Integrated Products MAX1572ETC180 Datasheet HTML 6Page - Maxim Integrated Products MAX1572ETC180 Datasheet HTML 7Page - Maxim Integrated Products MAX1572ETC180 Datasheet HTML 8Page - Maxim Integrated Products MAX1572ETC180 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
800mA, 2MHz, PWM DC-to-DC
Step-Down Converter with RESET
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VBATT = 3.6V, TA = +0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SS Discharge Resistance
EN1 = EN2 = GND
100
200
VABATT > 4.2V
1.6
EN_ Logic Input High
VABATT
≤ 4.2V
1.4
V
EN_ Logic Input Low
0.4
V
EN_ Logic Input Current
0.1
1
µA
RESET Threshold
Percent of nominal, measured at OUT
87
90
93
%
RESET Timer Delay Time
From VOUT > 90% to RESET = HI
170
200
230
ms
RESET Output Low Level
ISINK = 1mA
0.015
0.075
V
RESET Internal Pullup Resistance to OUT
9
14
20
k
Thermal-Shutdown Threshold
TJ rising
160
°C
Thermal-Shutdown Hysteresis
20
°C
ELECTRICAL CHARACTERISTICS
(VBATT = 3.6V, TA = -40°C to +85°C, unless otherwise noted.) (Note 3)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
BATT Input Voltage
2.6
5.5
V
Undervoltage Lockout Threshold
VBATT rising and falling, 1% hysteresis
2.20
2.55
V
Quiescent Supply Current
EN1 = GND, EN2 = BATT, no switching
80
µA
Shutdown Supply Current
EN1 = EN2 = GND
3
µA
Maximum Output Current
800
mA
OUT Bias Current
9µA
No load, EN1 = EN2 = BATT
3.2
Output-Voltage Accuracy
(Voltage Positioning)
100mA load
-1.2
+2.8
%
P-Channel On-Resistance
ILX = 180mA
0.45
N-Channel On-Resistance
ILX = 180mA
0.3
N-Channel Current-Limit Threshold
EN1 = EN2 = BATT
-0.68
-0.22
A
N-Channel Zero-Crossing Threshold
EN1 = BATT, EN2 = GND
10
65
mA
LX Output Current
(Note 2)
1.4
ARMS
LX Leakage Current
EN1 = EN2 = GND
10
µA
Maximum Duty Cycle
100
%
Minimum Duty Cycle
EN1 = EN2 = BATT
17.3
%
Switching Frequency
1.8
2.2
MHz
SS Output Impedance
65
150
k
SS Discharge Resistance
EN1 = EN2 = GND
200
VABATT > 4.2V
1.6
EN_ Logic Input High
VABATT
≤ 4.2V
1.4
V


Similar Part No. - MAX1572ETC180

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX157 MAXIM-MAX157 Datasheet
169Kb / 12P
   Dual-Channel CardBus and PCMCIA VCC/VPP Power-Switching Networks
19-1388; Rev 0; 11/98
MAX157 MAXIM-MAX157 Datasheet
238Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 10-Bit ADCs in 8-Pin UMAX
Rev 0; 11/98
MAX1570 MAXIM-MAX1570 Datasheet
358Kb / 11P
   White LED Current Regulator with 1x/1.5x High-Efficiency Charge Pump
19-2526; Rev 0; 7/02
MAX1570ETE MAXIM-MAX1570ETE Datasheet
358Kb / 11P
   White LED Current Regulator with 1x/1.5x High-Efficiency Charge Pump
19-2526; Rev 0; 7/02
MAX1573 MAXIM-MAX1573 Datasheet
345Kb / 4P
   MAX1573 Evaluation Kit
Rev 1; 4/04
More results

Similar Description - MAX1572ETC180

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8010B RICHTEK-RT8010B Datasheet
255Kb / 12P
   1.5MHz, 800mA, High Efficiency PWM Step-Down DC/DC Converter
logo
BCD Semiconductor Manuf...
AUR9703 BCDSEMI-AUR9703 Datasheet
892Kb / 20P
   1.5MHz, 800mA, STEP DOWN DC-DC CONVERTER
logo
Texas Instruments
LM3673 TI1-LM3673_14 Datasheet
5Mb / 23P
[Old version datasheet]   2MHz, 350mA Step-Down DC-DC Converter
logo
National Semiconductor ...
LM3671 NSC-LM3671_08 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
LM3671 NSC-LM3671_07 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
logo
Fairchild Semiconductor
FAN5308 FAIRCHILD-FAN5308_07 Datasheet
472Kb / 11P
   800mA High-Efficiency Step-Down DC-DC Converter
logo
ELM Technology Corporat...
ELM600-SERIES ELM-TECH-ELM600-SERIES Datasheet
1Mb / 7P
   PWM step down DC/DC converter
logo
Fairchild Semiconductor
FAN5308 FAIRCHILD-FAN5308 Datasheet
409Kb / 11P
   800mA High-Efficiency Step-Down DC-DC Converter
logo
ELM Technology Corporat...
ELM600LA ELM-TECH-ELM600LA Datasheet
2Mb / 10P
   ELM600LA 800mA 1.4MHz high efficiency synchronous PWM step down DC/DC converter
logo
Texas Instruments
LM3676 TI1-LM3676_14 Datasheet
3Mb / 23P
[Old version datasheet]   2MHz, 600mA Step-Down DC-DC Converter with Mode Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com