Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90523A Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # MB90523A
Description  16-bit Proprietary Microcontroller
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90523A Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  MB90523A Datasheet HTML 1Page - Fujitsu Component Limited. MB90523A Datasheet HTML 2Page - Fujitsu Component Limited. MB90523A Datasheet HTML 3Page - Fujitsu Component Limited. MB90523A Datasheet HTML 4Page - Fujitsu Component Limited. MB90523A Datasheet HTML 5Page - Fujitsu Component Limited. MB90523A Datasheet HTML 6Page - Fujitsu Component Limited. MB90523A Datasheet HTML 7Page - Fujitsu Component Limited. MB90523A Datasheet HTML 8Page - Fujitsu Component Limited. MB90523A Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 99 page
background image
MB90520A/520B Series
5
(Continued)
*1 : As for the necessity of a DIP switch setting (S2) when using the emulation pod (MB2145-507) .
Refer to the hardware manual for the emulation pod (MB2145-507) fomr details.
*2 : Take note of the maximum operating frequency and A/D converter precision restrictions when operating at 3.0 V
to 3.6 V. See the “Electrical Characteristics” section for details.
Parameter
Part
Number
MB90522A
MB90523A
MB90522B
MB90523B
MB90F523B MB90V520A
Clock timer
15-bit timer
Interrupt interval : 0.438, 0.5, or 2.0
µs for sub-clock frequency = 32.768 kHz
8/16-bit PPG timer
Number of channels : 1 (Can be used in 2
× 8-bit channel mode)
Can generate a pulse waveform output with specified period and 0 to 100
% duty ratio.
8/16 -bit up/down
counter/timers
Number of channels : 1 (Can be used in 2
× 8-bit channel mode)
External event inputs : 6 channels
Reload/compare function : 8-bit
× 2 channels
Clock monitor
Clock output frequency : Machine clock/21 to machine clock/28
Delayed interrupt
generation module
Interrupt generation module for task switching. (Used by REALOS.)
DTP/External
interrupts
Input channels : 8
Generates interrupts to the CPU on rising edges, falling edges with input “H” level, or “L”
level.
Can be used for external event interrupts and to activate EI2OS.
Wakeup interrupts
Input channels : 8
Triggered by “L” level.
8/10-bit A/D converter
(successive
approximation type)
Number of channels : 8
Resolution : 8-bit or 10-bit selectable
Conversion can be performed sequentially for multiple consecutive channels.
• Single-shot conversion mode : Converts specified channel once only.
• Continuous conversion mode : Repeatedly converts specified channel.
• Intermittent conversion mode : Converts specified channel then halts temporarily.
8-bit D/A converter
(R-2R type)
Number of channels : 2
Resolution : 8-bit
UART (SCI)
Number of channels : 1
Clock synchronous transfer : 62.5 Kbps to 1 Mbps
Clock asynchronous transfer : 1202 bps to 31250 bps
Supports bi-directional and master-slave communications.
Extended I/O serial
interface
Number of channels : 2
Clock synchronous transfer : 31.25 Kbps to 1 Mbps (Using internal shift clock)
Transmission format : Selectable LSB-first or MSB-first
LCD controller/driver
Number of common outputs : 4
Number of segment outputs : 32
Number of power supply pins for LCD drive : 4
LCD display memory : 16 bytes
Divider resistor for LCD drive : Internal


Similar Part No. - MB90523A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90523A FUJITSU-MB90523A Datasheet
1Mb / 100P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90523A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com