Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90522BPFV Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # MB90522BPFV
Description  16-bit Proprietary Microcontroller
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90522BPFV Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  MB90522BPFV Datasheet HTML 1Page - Fujitsu Component Limited. MB90522BPFV Datasheet HTML 2Page - Fujitsu Component Limited. MB90522BPFV Datasheet HTML 3Page - Fujitsu Component Limited. MB90522BPFV Datasheet HTML 4Page - Fujitsu Component Limited. MB90522BPFV Datasheet HTML 5Page - Fujitsu Component Limited. MB90522BPFV Datasheet HTML 6Page - Fujitsu Component Limited. MB90522BPFV Datasheet HTML 7Page - Fujitsu Component Limited. MB90522BPFV Datasheet HTML 8Page - Fujitsu Component Limited. MB90522BPFV Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 99 page
background image
MB90520A/520B Series
4
s PRODUCT LINEUP
(Continued)
Parameter
Part
Number
MB90522A
MB90523A
MB90522B
MB90523B
MB90F523B MB90V520A
Classification
Mask ROM
Flash ROM
Evaluation
product
ROM size
64 Kbytes
128 Kbytes
64 Kbytes
128 Kbytes
128 Kbytes
RAM size
4 Kbytes
6 Kbytes
Separate emulator
power supply*1

No
Process
CMOS
Operating power
supply voltage*2
3.0 V to 5.5 V
2.7 V to 5.5 V
3.0 V to 5.5 V
Internal regulator circuit
not mounted
mounted
CPU functions
Number of instructions : 340
Instruction sizes : 8-bit, 16-bit
Instruction length : 1 byte to 7 bytes
Data sizes : 1-bit, 8-bit, 16-bit
Minimum instruction execution time : 62.5 ns (for a 16 MHz machine clock)
Interrupt processing time : 1.5
µs min. (for a 16 MHz machine clock)
Low power operation
(standby modes)
Sleep mode, clock mode, pseudo-clock mode, stop mode, hardware standby mode,
and CPU intermittent operation mode
I/O ports
General-purpose I/O ports (CMOS outputs) : 53
General-purpose I/O ports (inputs with pull-up resistors) : 24
General-purpose I/O ports (Nch open drain outputs) : 8
Total : 85
Timebase timer
18-bit counter
Interrupt interval : 1.024 ms, 4.096 ms, 16.384 ms, 131.072 ms
(for a 4 MHz base oscillation)
Watchdog timer
Reset trigger period
• For a 4 MHz base oscillation : 3.58, 14.33, 57.23, 458.75 ms
• For 32.768 sub-clock operation : 0.438, 3.500, 7.000, 14.000 s
16-bit
I/O
timers
16-bit
freerun
timer
Number of channels : 2
Generates an interrupt on overflow
16-bit
output
compare
Number of channels : 8
Pin change timing : Free run timer register value equals output compare register value.
16-bit
input
capture
Number of channels : 2
Saves the value of the freerun timer register when a pin input occurs (rising edge, falling
edge, either edge) .
16-bit reload timer
Number of channels : 2
Count clock frequency : 0.125, 0.5, or 2.0
µs for a 16 MHz machine clock
Can be used to count an external event clock.


Similar Part No. - MB90522BPFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90522BPFV FUJITSU-MB90522BPFV Datasheet
2Mb / 104P
   16-bit Microcontroller
More results

Similar Description - MB90522BPFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com