Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS-37SXC-S Datasheet(PDF) 1 Page - Teledyne Technologies Incorporated

Part # CS-37SXC-S
Description  Failsafe TRANSFER Coaxial Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CS-37SXC-S Datasheet(HTML) 1 Page - Teledyne Technologies Incorporated

  CS-37SXC-S Datasheet HTML 1Page - Teledyne Technologies Incorporated CS-37SXC-S Datasheet HTML 2Page - Teledyne Technologies Incorporated CS-37SXC-S Datasheet HTML 3Page - Teledyne Technologies Incorporated CS-37SXC-S Datasheet HTML 4Page - Teledyne Technologies Incorporated CS-37SXC-S Datasheet HTML 5Page - Teledyne Technologies Incorporated CS-37SXC-S Datasheet HTML 6Page - Teledyne Technologies Incorporated CS-37SXC-S Datasheet HTML 7Page - Teledyne Technologies Incorporated CS-37SXC-S Datasheet HTML 8Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 2013 TELEDYNE RELAYS
(800) 284-7007 • www.teledynecoax.com
CCS-37S/CS-37S Page 1
CCS-37S\CS-37S\082013\Q3
Series CCS-37S/CS-37S
Miniature DC–18 GHz
Failsafe TRANSFER Coaxial Switch
COAX SWITCHES
ELECTRICAL CHARACTERISTICS
Form Factor
TRANSFER,
break before make
Frequency Range
CCS-37S
CS-37S
DC–18 GHz
DC–18 GHz
Characteristic Impedance
50 Ohms
Operate Time
10 ms (max.)
Release Time
10 ms (max.)
Actuation Voltage Available
12
15
24
28 V
Actuation Current, max. @ ambient
380 300 250 200 mA
ENVIRONMENTAL AND PHYSICAL CHARACTERISTICS
Operating Temperature
Commercial Model, CCS-37S
Elite Model, CS-37S
–40°C to 65°C
–55°C to 85°C
Vibration (MIL-STD-202 Method 214,
Condition D, non-operating)
10 g’s RMS
Shock (MIL-STD-202 Method 213,
Condition D, non-operating)
500 g’s
Standard Actuator Life
Actuator Life w/ Additional Features
5,000,000 cycles
1,000,000 cycles
Connector Type
SMA
Humidity (Moisture Seal)
Available
Weight
2.5 oz. (70.87g) (max.)
PERFORMANCE CHARACTERISTICS
Frequency
DC–5 GHz
5–10 GHz
10–13 GHz
13–15 GHz
15-18 GHz
Insertion Loss, dB,
max.
0.1
0.2
0.4
0.6
0.6
Isolation, dB, min.
90
80
80
80
80
VSWR , max.
1.1:1
1.3:1
1.3:1
1.6:1
1.6:1
PART NUMBERING SYSTEM
Connector
S: SMA Female
Actuator Voltage
1: 28 Vdc Failsafe
2: 15 Vdc Failsafe
3: 12 Vdc Failsafe
4: 24 Vdc Failsafe
Actuator Type
0: Standard Contacts
C: Indicator Contacts
**SEE PARTS LIST ON PAGE 8
Options
T: TTL Drivers with Diodes
D: Transient Suppression
Diodes
M: Moisture Seal
S: 9 Pin D-Sub Connector
Actuator Voltage
CCS-37
S
1
C
-
T **
Series
Connectors
Actuator Type
Options
For other options, contact factory.
PART NUMBER
DESCRIPTION
CCS-37S
Commercial Failsafe TRANSFER, DC-18GHz
CS-37S
Elite Failsafe TRANSFER, DC-18GHz
The CCS-37S/CS-37S is a long-life high performance transfer switch designed for use in 50 Ohms
coaxial transmission lines operating over frequencies ranging from DC to 18 GHz. The switch is designed
for minimum size compatible with SMA connector spacing.
The failsafe switches on this page are provided with a spring operated actuator which is particularly
desirable in applications where the switch is connected to one position (normally closed) most of the
time and only periodically switched to the alternate position. In this type of application, holding power is
required only when operating in the alternate position. Also, switching circuitry is simplified, since only
one DC circuit is required.


Similar Part No. - CS-37SXC-S

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
CS-300 VECTRON-CS-300 Datasheet
795Kb / 8P
   Clock Smoother
logo
IET Labs Inc.
CS-300 IET-CS-300 Datasheet
301Kb / 2P
   RS Series -- Standard Models
logo
Vectron International, ...
CS-300-CFC-C4D2M2 VECTRON-CS-300-CFC-C4D2M2 Datasheet
795Kb / 8P
   Clock Smoother
CS-300-CFC-C4D2M2G VECTRON-CS-300-CFC-C4D2M2G Datasheet
795Kb / 8P
   Clock Smoother
CS-300-CFC-C4D2T4 VECTRON-CS-300-CFC-C4D2T4 Datasheet
795Kb / 8P
   Clock Smoother
More results

Similar Description - CS-37SXC-S

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCP-47D TELEDYNE-CCP-47D Datasheet
405Kb / 6P
   Failsafe TRANSFER Coaxial Switch
CS-47 TELEDYNE-CS-47 Datasheet
543Kb / 8P
   Failsafe TRANSFER Coaxial Switch
logo
Pasternack Enterprises,...
PE7153 PASTERNACK-PE7153_15 Datasheet
475Kb / 6P
   Transfer Electromechanical Relay Failsafe Switch
PE7150 PASTERNACK-PE7150_15 Datasheet
452Kb / 6P
   Transfer Electromechanical Relay Failsafe Switch
PE7150 PASTERNACK-PE7150 Datasheet
88Kb / 1P
   SMA TRANSFER RELAY SWITCH FAILSAFE
logo
JFW Industries, Inc.
50S-1361XX JFW-50S-1361XX Datasheet
30Kb / 2P
   FAILSAFE TRANSFER ELECTROMECHANICAL RF SWITCH
logo
Teledyne Technologies I...
CCR-40K TELEDYNE-CCR-40K Datasheet
358Kb / 5P
   Failsafe SPDT Coaxial Switch
CCRS-33S TELEDYNE-CCRS-33S Datasheet
692Kb / 8P
   Failsafe 2P3T Coaxial Switch
CCRT-53S TELEDYNE-CCRT-53S Datasheet
597Kb / 8P
   Failsafe SPDT Coaxial Switch
CCP-33D TELEDYNE-CCP-33D Datasheet
406Kb / 6P
   Failsafe SPDT Coaxial Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com