Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS-37SX0-MS Datasheet(PDF) 6 Page - Teledyne Technologies Incorporated

Part # CS-37SX0-MS
Description  Failsafe TRANSFER Coaxial Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CS-37SX0-MS Datasheet(HTML) 6 Page - Teledyne Technologies Incorporated

  CS-37SX0-MS Datasheet HTML 1Page - Teledyne Technologies Incorporated CS-37SX0-MS Datasheet HTML 2Page - Teledyne Technologies Incorporated CS-37SX0-MS Datasheet HTML 3Page - Teledyne Technologies Incorporated CS-37SX0-MS Datasheet HTML 4Page - Teledyne Technologies Incorporated CS-37SX0-MS Datasheet HTML 5Page - Teledyne Technologies Incorporated CS-37SX0-MS Datasheet HTML 6Page - Teledyne Technologies Incorporated CS-37SX0-MS Datasheet HTML 7Page - Teledyne Technologies Incorporated CS-37SX0-MS Datasheet HTML 8Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
CCS-37S/CS-37S Page 6
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2013 TELEDYNE COAX SWITCHES
CCS-37S\CS-37S\082013\Q3
Series CCS-37S/CS-37S
Miniature DC–18 GHz
Failsafe TRANSFER Coaxial Switch
COAX SWITCHES
Power Handling vs. Frequency
Estimates based on the following reference conditions:
• Ambient temperature of 40°C or less
• Sea level operation
• Load VSWR of 1.20:1 maximum
• No high-power (hot) switching
Please contact Teledyne Coax Switches for derating factors when applications do not meet the foregoing reference conditions.
3000
Frequency GHz
2000
1000
800
600
400
300
200
100
80
60
40
30
20
10
.1
.2
.3 .4
.6 .8 1
2
4
6 8 10
18
STANDARD
SMA
SWITCHES
TYPICAL POWER PERFORMANCE CURVE


Similar Part No. - CS-37SX0-MS

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
CS-300 VECTRON-CS-300 Datasheet
795Kb / 8P
   Clock Smoother
logo
IET Labs Inc.
CS-300 IET-CS-300 Datasheet
301Kb / 2P
   RS Series -- Standard Models
logo
Vectron International, ...
CS-300-CFC-C4D2M2 VECTRON-CS-300-CFC-C4D2M2 Datasheet
795Kb / 8P
   Clock Smoother
CS-300-CFC-C4D2M2G VECTRON-CS-300-CFC-C4D2M2G Datasheet
795Kb / 8P
   Clock Smoother
CS-300-CFC-C4D2T4 VECTRON-CS-300-CFC-C4D2T4 Datasheet
795Kb / 8P
   Clock Smoother
More results

Similar Description - CS-37SX0-MS

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCP-47D TELEDYNE-CCP-47D Datasheet
405Kb / 6P
   Failsafe TRANSFER Coaxial Switch
CS-47 TELEDYNE-CS-47 Datasheet
543Kb / 8P
   Failsafe TRANSFER Coaxial Switch
logo
Pasternack Enterprises,...
PE7153 PASTERNACK-PE7153_15 Datasheet
475Kb / 6P
   Transfer Electromechanical Relay Failsafe Switch
PE7150 PASTERNACK-PE7150_15 Datasheet
452Kb / 6P
   Transfer Electromechanical Relay Failsafe Switch
PE7150 PASTERNACK-PE7150 Datasheet
88Kb / 1P
   SMA TRANSFER RELAY SWITCH FAILSAFE
logo
JFW Industries, Inc.
50S-1361XX JFW-50S-1361XX Datasheet
30Kb / 2P
   FAILSAFE TRANSFER ELECTROMECHANICAL RF SWITCH
logo
Teledyne Technologies I...
CCR-40K TELEDYNE-CCR-40K Datasheet
358Kb / 5P
   Failsafe SPDT Coaxial Switch
CCRS-33S TELEDYNE-CCRS-33S Datasheet
692Kb / 8P
   Failsafe 2P3T Coaxial Switch
CCRT-53S TELEDYNE-CCRT-53S Datasheet
597Kb / 8P
   Failsafe SPDT Coaxial Switch
CCP-33D TELEDYNE-CCP-33D Datasheet
406Kb / 6P
   Failsafe SPDT Coaxial Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com