Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

J110 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # J110
Description  N-Channel Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

J110 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  J110 Datasheet HTML 1Page - Fairchild Semiconductor J110 Datasheet HTML 2Page - Fairchild Semiconductor J110 Datasheet HTML 3Page - Fairchild Semiconductor J110 Datasheet HTML 4Page - Fairchild Semiconductor J110 Datasheet HTML 5Page - Fairchild Semiconductor J110 Datasheet HTML 6Page - Fairchild Semiconductor J110 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. B, July 2002
Typical Characteristics
Figure 1. Common Drain-Source
Figure 2. Parameter Interactions
Figure 3. Common Drain-Source
Figure 4. Common Drain-Source
Figure 5. Normalized Drain Resistance vs
Bias Voltage
Figure 6. Noise Voltage vs Frequency
0
0.4
0.8
1.2
1.6
2
0
20
40
60
80
100
V
- DRAIN-SOURCE VOLTAGE (V)
DS
T = 25캜
TYP V
= - 5.0 V
GS(off)
A
- 4.0 V
- 5.0 V
- 3.0 V
- 2.0 V
- 1.0 V
V
= 0 V
GS
°°°°C
0.1
0.5
1
5
10
5
10
50
100
10
50
100
500
1,000
V
- GATE CUTOFF VOLTAGE (V)
GS (OFF)
I
@ V
= 5.0V, V
= 0 PULSED
r
@ V
= 100mV, V
= 0
V
@ V
= 5.0V, I
= 3.0 nA
GS(off)
DSS
r
DS
I
DSS
DS
DS
D
GS
GS
DS
DS
_
__
_
_
-20
-16
-12
-8
-4
0
10
100
V
- GATE-SOURCE VOLTAGE (V)
GS
C
(V
= 5.0V)
iss
f = 0.1 - 1.0 MHz
DS
C
(V
= 0 )
rss
DS
01
234
5
0
10
20
30
40
50
V
- DRAIN-SOURCE VOLTAGE (V)
DS
- 0.4 V - 0.5 V
- 0.3 V
- 0.2 V
- 0.1 V
V
= 0 V
GS
T = 25캜
TYP V
= - 0.7 V
GS(off)
A
°°°°C
0
0.2
0.4
0.6
0.8
1
1
2
5
10
20
50
100
V
/V
- NORMALIZED GATE-SOURCE VOLTAGE (V)
GS
r
=
DS
V
@ 5.0V, 10
µµµµA
GS(off)
r DS
________
V GS(off)
V
GS
1 -
GS(off)
0.01 0.03
0.1
0.5 1
2
10
100
1
5
10
50
100
f - FREQUENCY (kHz)
V
= 10V
BW = 6.0 Hz @ f = 10 Hz, 100 Hz
= 0.21 @ f
≥≥≥≥ 1.0 kHz
DG
I
= 10 mA
D
I
= 1.0 mA
D


Similar Part No. - J110

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
J110 PHILIPS-J110 Datasheet
45Kb / 7P
   N-channel silicon junction FETs
1996 Jul 30
logo
Fairchild Semiconductor
J110 FAIRCHILD-J110 Datasheet
47Kb / 4P
   N-Channel Switch
logo
Calogic, LLC
J110 CALOGIC-J110 Datasheet
21Kb / 1P
   N-Channel JFET Switch
logo
InterFET Corporation
J110 INTERFET-J110 Datasheet
92Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
logo
ON Semiconductor
J110 ONSEMI-J110 Datasheet
52Kb / 4P
   JFET ??General Purpose N?묬hannel ??Depletion
November, 2005 ??Rev. 6
More results

Similar Description - J110

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
J105 FAIRCHILD-J105_01 Datasheet
482Kb / 12P
   N-Channel Switch
PN4091 FAIRCHILD-PN4091 Datasheet
55Kb / 3P
   N-Channel Switch
PN4391 FAIRCHILD-PN4391 Datasheet
474Kb / 10P
   N-Channel Switch
PN5432 FAIRCHILD-PN5432 Datasheet
300Kb / 7P
   N-Channel Switch
U1898 FAIRCHILD-U1898 Datasheet
26Kb / 3P
   N-Channel Switch
MMBFJ110 FAIRCHILD-MMBFJ110_11 Datasheet
183Kb / 5P
   N-Channel Switch
J109D27Z FAIRCHILD-J109D27Z Datasheet
135Kb / 7P
   N-Channel Switch
logo
ON Semiconductor
J109 ONSEMI-J109 Datasheet
1Mb / 8P
   N-Channel Switch
October-2017, Rev. 3
logo
Fairchild Semiconductor
MMBF5434 FAIRCHILD-MMBF5434 Datasheet
73Kb / 4P
   N-Channel Switch
PF5103 FAIRCHILD-PF5103 Datasheet
151Kb / 6P
   N-Channel Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com