Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VND7040AJ-E Datasheet(PDF) 38 Page - STMicroelectronics

Part # VND7040AJ-E
Description  Double channel high-side driver with MultiSense analog feedback for automotive applications
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND7040AJ-E Datasheet(HTML) 38 Page - STMicroelectronics

Back Button VND7040AJ-E Datasheet HTML 34Page - STMicroelectronics VND7040AJ-E Datasheet HTML 35Page - STMicroelectronics VND7040AJ-E Datasheet HTML 36Page - STMicroelectronics VND7040AJ-E Datasheet HTML 37Page - STMicroelectronics VND7040AJ-E Datasheet HTML 38Page - STMicroelectronics VND7040AJ-E Datasheet HTML 39Page - STMicroelectronics VND7040AJ-E Datasheet HTML 40Page - STMicroelectronics VND7040AJ-E Datasheet HTML 41Page - STMicroelectronics VND7040AJ-E Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 48 page
background image
Application information
VND7040AJ-E
38/48
DocID018823 Rev 9
4.5
Maximum demagnetization energy (VCC =16 V)
Figure 42. Maximum turn off current versus inductance
Note:
Values are generated with RL =0 Ω.
In case of repetitive pulses, Tjstart (at the beginning of each demagnetization) of every pulse
must not exceed the temperature specified above for curves A and B.
Demagnetization
Demagnetization
Demagnetization
t
VIN, IL
C: Tjstart = 125 °C repetitive pulse
A: Tjstart = 150 °C single pulse
B: Tjstart = 100 °C repetitive pulse


Similar Part No. - VND7040AJ-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND7040AJ STMICROELECTRONICS-VND7040AJ Datasheet
1Mb / 46P
   Double channel high-side driver with MultiSense analog feedback
May 2015 Rev 1
VND7040AJTR STMICROELECTRONICS-VND7040AJTR Datasheet
1Mb / 46P
   Double channel high-side driver with MultiSense analog feedback
May 2015 Rev 1
More results

Similar Description - VND7040AJ-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND7012AY STMICROELECTRONICS-VND7012AY Datasheet
2Mb / 45P
   Double channel high-side driver with MultiSense analog feedback for automotive applications
July 2016 Rev 4
VND7020AJ-E STMICROELECTRONICS-VND7020AJ-E Datasheet
1Mb / 48P
   Double channel high-side driver with MultiSense analog feedback for automotive applications
October 2014 Rev 10
VND7012AY-E STMICROELECTRONICS-VND7012AY-E Datasheet
1Mb / 46P
   Double channel high-side driver with MultiSense analog feedback for automotive applications
July 2014 Rev 6
VND7004AY STMICROELECTRONICS-VND7004AY Datasheet
2Mb / 47P
   Double channel high-side driver with MultiSense analog feedback for automotive applications
VND7140AJ STMICROELECTRONICS-VND7140AJ Datasheet
2Mb / 47P
   Double channel high-side driver with MultiSense analog feedback for automotive applications
VND7030AJ STMICROELECTRONICS-VND7030AJ Datasheet
1Mb / 46P
   Double channel high-side driver with MultiSense analog feedback for automotive applications
VN7020AJ STMICROELECTRONICS-VN7020AJ Datasheet
7Mb / 46P
   High-side driver with MultiSense analog feedback for automotive applications
October 2016 Rev 2
VN7140AJ STMICROELECTRONICS-VN7140AJ Datasheet
2Mb / 55P
   High-side driver with MultiSense analog feedback for automotive applications
October 2016 Rev 3
VN7000AY STMICROELECTRONICS-VN7000AY Datasheet
3Mb / 48P
   High-side driver with MultiSense analog feedback for automotive applications
Rev 7 - January 2020
VN7010AJ STMICROELECTRONICS-VN7010AJ Datasheet
1Mb / 45P
   High-side driver with MultiSense analog feedback for automotive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com