Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM5Z9V1ST1 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MM5Z9V1ST1
Description  Zener Voltage Regulators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MM5Z9V1ST1 Datasheet(HTML) 2 Page - ON Semiconductor

  MM5Z9V1ST1 Datasheet HTML 1Page - ON Semiconductor MM5Z9V1ST1 Datasheet HTML 2Page - ON Semiconductor MM5Z9V1ST1 Datasheet HTML 3Page - ON Semiconductor MM5Z9V1ST1 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MM5Z2V4ST1 SERIES
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise noted,
VF = 0.9 V Max. @ IF = 10 mA for all types)
Symbol
Parameter
VZ
Reverse Zener Voltage @ IZT
IZT
Reverse Current
ZZT
Maximum Zener Impedance @ IZT
IZK
Reverse Current
ZZK
Maximum Zener Impedance @ IZK
IR
Reverse Leakage Current @ VR
VR
Reverse Voltage
IF
Forward Current
VF
Forward Voltage @ IF
QVZ
Maximum Temperature Coefficient of VZ
C
Max. Capacitance @VR = 0 and f = 1 MHz
IF
V
I
IR
IZT
VR
VZ
VF
Figure 1. Zener Voltage Regulator
ELECTRICAL CHARACTERISTICS (VF = 0.9 Max @ IF = 10 mA for all types)
Test
Zener Voltage
VZ
ZZK IZ
= 0.5
ZZT
IZ = IZT
@ 10%
Max
IR @ VR
dVZ/dt (mV/k)
@ IZT1 = 5 mA
C pF Max @
Device
Device
Marking
Test
Current
Izt mA
Min
Max
= 0.5
mA
W
Max
@ 10%
Mod
W
Max
mA
V
Min
Max
C pF Max @
VR = 0
f = 1 MHz
MM5Z2V4ST1
T2
5.0
2.43
2.63
1000
100
120
1.0
−3.5
0
450
MM5Z2V7ST1
T3
5.0
2.67
2.91
1000
100
100
1.0
−3.5
0
450
MM5Z3V6ST1
T6
5.0
3.60
3.85
1000
90
5.0
1.0
−3.5
0
450
MM5Z3V9ST1
T7
5.0
3.89
4.16
1000
90
3.0
1.0
−3.5
−2.5
450
MM5Z4V3ST1
T8
5.0
4.17
4.43
1000
90
3.0
1.0
−3.5
0
450
MM5Z4V7ST1
T9
5.0
4.55
4.75
800
80
3.0
2.0
−3.5
0.2
260
MM5Z5V1ST1
TA
5.0
4.98
5.2
500
60
2.0
2.0
−2.7
1.2
225
MM5Z5V6ST1
TC
5.0
5.49
5.73
200
40
1.0
2.0
−2.0
2.5
200
MM5Z6V2ST1
TE
5.0
6.06
6.33
100
10
3.0
4.0
0.4
3.7
185
MM5Z6V8ST1
TF
5.0
6.65
6.93
160
15
2.0
4.0
1.2
4.5
155
MM5Z7V5ST1
TG
5.0
7.28
7.6
160
15
1.0
5.0
2.5
5.3
140
MM5Z8V2ST1
TH
5.0
8.02
8.36
160
15
0.7
5.0
3.2
6.2
1358
MM5Z9V1ST1
TK
5.0
8.85
9.23
160
15
0.5
6.0
3.8
7.0
130


Similar Part No. - MM5Z9V1ST1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MM5Z9V1ST1G ONSEMI-MM5Z9V1ST1G Datasheet
130Kb / 4P
   Zener Voltage Regulators
January, 2012 ??Rev. 8
MM5Z9V1ST1G ONSEMI-MM5Z9V1ST1G Datasheet
93Kb / 4P
   Zener Voltage Regulators
July, 2013 ??Rev. 9
MM5Z9V1ST1G ONSEMI-MM5Z9V1ST1G Datasheet
179Kb / 5P
   Zener Voltage Regulators 500 mW SOD-523, Tight Tolerance Series
August, 2020 - Rev. 14
More results

Similar Description - MM5Z9V1ST1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMSZ15T3G ONSEMI-MMSZ15T3G Datasheet
157Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
MMBZ5234ELT1G ONSEMI-MMBZ5234ELT1G Datasheet
154Kb / 6P
   Zener Voltage Regulators
December, 2011 ??Rev. 7
SZMM3Z3V0T1G ONSEMI-SZMM3Z3V0T1G Datasheet
107Kb / 5P
   Zener Voltage Regulators
January, 2012 ??Rev. 9
MMSZ5V1T3G ONSEMI-MMSZ5V1T3G Datasheet
174Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
MM3ZXXXT1G ONSEMI-MM3ZXXXT1G Datasheet
151Kb / 5P
   Zener Voltage Regulators
January, 2012 ??Rev. 9
BZX84C3V3ET1G ONSEMI-BZX84C3V3ET1G Datasheet
173Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 8
SZMM5Z18VT1G ONSEMI-SZMM5Z18VT1G Datasheet
103Kb / 4P
   Zener Voltage Regulators
January, 2014 ??Rev. 12
MMBZ5221BLT1 ONSEMI-MMBZ5221BLT1 Datasheet
72Kb / 6P
   Zener Voltage Regulators
August, 2004 ??Rev. 5
logo
SHENZHEN YONGERJIA INDU...
BZT52C2V4 WINNERJOIN-BZT52C2V4_15 Datasheet
457Kb / 4P
   Zener Voltage Regulators
logo
Leshan Radio Company
LUDZS20BT1G LRC-LUDZS20BT1G_15 Datasheet
136Kb / 5P
   Zener Voltage Regulators
LM3Z8V2T1G LRC-LM3Z8V2T1G_15 Datasheet
106Kb / 6P
   Zener Voltage Regulators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com