Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCP75W Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # BCP75W
Description  5V and 3.3V, "Half-Brick" 75 Watt, DC/DC Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BCP75W Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button BCP75W Datasheet HTML 4Page - List of Unclassifed Manufacturers BCP75W Datasheet HTML 5Page - List of Unclassifed Manufacturers BCP75W Datasheet HTML 6Page - List of Unclassifed Manufacturers BCP75W Datasheet HTML 7Page - List of Unclassifed Manufacturers BCP75W Datasheet HTML 8Page - List of Unclassifed Manufacturers BCP75W Datasheet HTML 9Page - List of Unclassifed Manufacturers BCP75W Datasheet HTML 10Page - List of Unclassifed Manufacturers BCP75W Datasheet HTML 11Page - List of Unclassifed Manufacturers BCP75W Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
7 5 W , D U A L O U T P U T , M I X E D - V O L T A G E D C / D C C O N V E R T E R S
XCP Series
Ambient Temperature (
°C)
Output Power vs. Ambient Temperature
(Without heat sink, 5V Output, 3.3V @ 0A.)
80
70
60
50
40
30
20
10
0
–40
–10
0
10
20
30
40
50
60
70
80
90
100
Natural Convection Cooling
150 Linear Feet Per Minute
300 Linear Feet Per Minute
Output Power vs. Ambient Temperature
(With HS-CP heat sink, 5V Output, 3.3V @ 0A.)
Ambient Temperature (
°C)
80
70
60
50
40
30
20
10
0
–40
0
35
40
45
50
55
60
65
70
75
80
85
90
95
100
Natural Convection Cooling
150 Linear Feet Per Minute
300 Linear Feet Per Minute
Ambient Temperature (
°C)
Output Power vs. Ambient Temperature
(Without heat sink, 5V Output, 3.3V @ 0A.)
80
70
60
50
40
30
20
10
0
–40
–10
0
10
20
30
40
50
60
70
80
90
100
Natural Convection Cooling
150 Linear Feet Per Minute
300 Linear Feet Per Minute
Output Power vs. Ambient Temperature
(With HS-CP heat sink, 5V Output, 3.3V @ 0A.)
Ambient Temperature (
°C)
80
70
60
50
40
30
20
10
0
–40
0
35
40
45
50
55
60
65
70
75
80
85
90
95
100
Natural Convection Cooling
150 Linear Feet Per Minute
300 Linear Feet Per Minute
Ambient Temperature (
°C)
50
40
30
20
10
0
–40
–10
0
10
20
30
40
50
60
70
80
90
100
Output Power vs. Ambient Temperature
(Without heat sink, 3.3V Output, 5V @ 0A.)
Natural Convection Cooling
150 Linear Feet Per Minute
300 Linear Feet Per Minute
Ambient Temperature (
°C)
50
40
30
20
10
0
–40
0
35
40
45
50
55
60
65
70
75
80
85
90
95
100
Output Power vs. Ambient Temperature
(With HS-CP heat sink, 3.3V Output, 5V @ 0A.)
Natural Convection Cooling
150 Linear Feet Per Minute
300 Linear Feet Per Minute
Ambient Temperature (
°C)
50
40
30
20
10
0
–40
–10
0
10
20
30
40
50
60
70
80
90
100
Output Power vs. Ambient Temperature
(Without heat sink, 3.3V Output, 5V @ 0A.)
Natural Convection Cooling
150 Linear Feet Per Minute
300 Linear Feet Per Minute
Ambient Temperature (
°C)
50
40
30
20
10
0
–40
0
35
40
45
50
55
60
65
70
75
80
85
90
95
100
Output Power vs. Ambient Temperature
(With HS-CP heat sink, 3.3V Output, 5V @ 0A.)
Natural Convection Cooling
150 Linear Feet Per Minute
300 Linear Feet Per Minute
D24 Model
D48 Model
Typical Performance Curves
10


Similar Part No. - BCP75W

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BCP70 SIEMENS-BCP70 Datasheet
29Kb / 4P
   PNP Silicon AF Power Transistor (For AF driver and output stages High collector current)
BCP70M SIEMENS-BCP70M Datasheet
29Kb / 4P
   PNP Silicon AF Power Transistor (For AF driver and output stages High collector current)
BCP71 SIEMENS-BCP71 Datasheet
30Kb / 4P
   NPN Silicon AF Power Transistor (Drain switch for RF power amplifier stages For AF driver and output stages High collector current)
BCP71M SIEMENS-BCP71M Datasheet
30Kb / 4P
   NPN Silicon AF Power Transistor (Drain switch for RF power amplifier stages For AF driver and output stages High collector current)
BCP72 SIEMENS-BCP72 Datasheet
29Kb / 3P
   PNP Silicon AF Power Transistor (For AF driver and output stages High collector current High current gain)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com