Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7709ARU Datasheet(PDF) 9 Page - Analog Devices

Part # AD7709ARU
Description  16-Bit ADC with Switchable Current Sources
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7709ARU Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7709ARU Datasheet HTML 5Page - Analog Devices AD7709ARU Datasheet HTML 6Page - Analog Devices AD7709ARU Datasheet HTML 7Page - Analog Devices AD7709ARU Datasheet HTML 8Page - Analog Devices AD7709ARU Datasheet HTML 9Page - Analog Devices AD7709ARU Datasheet HTML 10Page - Analog Devices AD7709ARU Datasheet HTML 11Page - Analog Devices AD7709ARU Datasheet HTML 12Page - Analog Devices AD7709ARU Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
REV. A
AD7709
–8–
WARNING!
ESD SENSITIVE DEVICE
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
1
AD7709
GND
VDD
XTAL2
XTAL1
RDY
DOUT
DIN
RESET
SCLK
CS
P1/SW1
PWRGND
IOUT1
IOUT2
REFIN1(+)
REFIN1(–)
AIN1
AIN2
AIN3/P3
AIN4/P4
AINCOM
P2/SW2
REFIN2(+)
REFIN2(–)
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
ABSOLUTE MAXIMUM RATINGS
*
(TA = 25
∞C, unless otherwise noted.)
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
PWRGND to AGND . . . . . . . . . . . . . . –20 mV to +20 mV
Analog Input Voltage to GND . . . . . –0.3 V to VDD + 0.3 V
Reference Input Voltage to GND . . . –0.3 V to VDD + 0.3 V
Total AIN/REFIN Current (Indefinite) . . . . . . . . . . 30 mA
Digital Input Voltage to GND . . . . . . . –0.3 V to VDD + 0.3 V
Digital Output Voltage to GND . . . . –0.3 V to VDD + 0.3 V
Operating Temperature Range . . . . . . . . . . –40
∞C to +85∞C
Storage Temperature Range . . . . . . . . . . . . –65
∞C to +150∞C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . 150
∞C
qJA Thermal Impedance . . . . . . . . . . . . . . . . . . . 97.9∞C/W
qJC Thermal Impedance . . . . . . . . . . . . . . . . . . . . . 14∞C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . 215
∞C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . 220
∞C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
AD7709ARU
–40
∞C to +85∞C TSSOP
RU-24
AD7709BRU
–40
∞C to +85∞C TSSOP
RU-24
EVAL-AD7709EB
Evaluation Board
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
AD7709 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.


Similar Part No. - AD7709ARU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7709ARU AD-AD7709ARU Datasheet
428Kb / 32P
   16-Bit - ADC with Switchable Current Sources
REV. A
AD7709ARU AD-AD7709ARU Datasheet
353Kb / 32P
   16-Bit-ADC with Switchable Current Sources
REV. A
AD7709ARUZ AD-AD7709ARUZ Datasheet
353Kb / 32P
   16-Bit-ADC with Switchable Current Sources
REV. A
More results

Similar Description - AD7709ARU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7709ARUZ AD-AD7709ARUZ Datasheet
353Kb / 32P
   16-Bit-ADC with Switchable Current Sources
REV. A
AD7709ARU AD-AD7709ARU Datasheet
428Kb / 32P
   16-Bit - ADC with Switchable Current Sources
REV. A
AD7709 AD-AD7709 Datasheet
248Kb / 17P
   16-Bit Sigma Delta ADC with Current Sources, Switchable Reference Inputs and I/O Port
REV. PrA January 2001
AD7783 AD-AD7783 Datasheet
217Kb / 12P
   Read-Only, Pin Configured 24-Bit ADC with Excitation Current Sources
REV. B
logo
Linear Technology
LTC2480 LINER-LTC2480_15 Datasheet
679Kb / 42P
   16-Bit ADC with Easy Drive Input Current Cancellation
LTC2482 LINER-LTC2482_15 Datasheet
322Kb / 32P
   16-Bit ADC with Easy Drive Input Current Cancellation
LTC2480 LINER-LTC2480_1 Datasheet
500Kb / 42P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
LTC2482 LINER-LTC2482 Datasheet
319Kb / 32P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
LTC2496 LINER-LTC2496_15 Datasheet
658Kb / 32P
   16-Bit 8-/16-Channel ADC with Easy Drive Input Current Cancellation
LTC2480 LINER-LTC2480 Datasheet
535Kb / 40P
   16-Bit ADC with Easy Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com