Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

MAX3863 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part No. MAX3863
Description  2.7Gbps Laser Driver with Modulation Compensation
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3863 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3863 Datasheet HTML 1Page - Maxim Integrated Products MAX3863 Datasheet HTML 2Page - Maxim Integrated Products MAX3863 Datasheet HTML 3Page - Maxim Integrated Products MAX3863 Datasheet HTML 4Page - Maxim Integrated Products MAX3863 Datasheet HTML 5Page - Maxim Integrated Products MAX3863 Datasheet HTML 6Page - Maxim Integrated Products MAX3863 Datasheet HTML 7Page - Maxim Integrated Products MAX3863 Datasheet HTML 8Page - Maxim Integrated Products MAX3863 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2.7Gbps Laser Driver with Modulation
Compensation
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +3.15V to +3.6V, TA = -40°C to +85°C. Typical values are at VCC = +3.3V, IBIAS = 50mA, IMOD = 40mA, TA = +25°C, unless
otherwise noted.) (Notes 1, 9)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage VCC...............................................-0.5V to +5.0V
DATA+, DATA- and CLK+, CLK- ....(VCC - 1.5V) to (VCC + 0.5V)
RTEN, EN, BIAS, MK+, MK-, PWC+, PWC-
MODMON, BIASMON, MDMON, MODCOMP,
APCFILT1, APCFILT2, BIASMAX, MODSET,
APCSET Voltage.........................................-0.5V to VCC + 0.5V
MOD, MODN Voltage..........................................0 to VCC + 1.5V
MOD, MODN Current......................................-20mA to +150mA
BIAS Current ...................................................-20mA to +150mA
MD Current............................................................-5mA to +5mA
Operating Junction Temperature Range ...........-55°C to +150°C
Storage Temperature Range .............................-55°C to +150°C
Continuous Power Dissipation (TA = +85°C)
32-Pin QFN (derate 21.2mW/°C above +85°C) ...............1.3W
Processing Temperature (die) .........................................+400°C
Lead Temperature (soldering, 10s) ................................ +300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Power-Supply Current
ICC
(Note 2)
58
85
mA
Power-Supply Noise Rejection
PSNR
f = 100kHz, 100mVP-P (Note 10)
40
dB
Power-Supply Threshold
Output enabled
2.8
V
Single-Ended Input Resistance
Input to VCC
40
50
60
Bias-Current Setting Range
4
100
mA
APC open loop, IBIAS = 100mA, TA = +25°C
-15
+15
Bias-Current Setting Error
APC open loop, IBIAS = 4mA, TA = +25°C
-20
+20
%
Bias Off-Current
EN high
0.1
mA
IBIAS to IBIASMON Ratio
34
40
46
mA/mA
APC open loop, 10mA
≤ IBIAS ≤ 100mA (Note 3)
-480
+480
Bias-Current Temperature Stability
APC open loop, 4mA
≤ IBIAS ≤ 100mA (Note 3)
±390
ppm/°C
Modulation-Current Setting Range
7
80
mA
Modulation-Current Setting Error
APC open loop, 25
Ω load, TA = +25°C
-15
+15
%
Modulation Off-Current
EN high
0.1
mA
Modulation-Current Temperature
Stability
APC open loop (Note 3)
-480
+480
ppm/°C
IMOD to IMODMON Ratio
38
46
53
mA/mA
Modulation Compensation Range
K
K =
∆IMODC/∆IBIAS
0
1.5
mA/mA
MD Pin Voltage
1.75
V
Monitor Photodiode Current
Range
IMD
30
2000
µA
APC Loop Time Constant
tAPC
(Notes 3, 4)
1
4
1000
µs
APC Open Loop
4mA
≤ IBIAS ≤ 10mA (Note 3)
±390
mA
VMDMON to IMD Ratio
RMDMON = 4k
0.8
1.0
1.2
mV/µA
EN and RTEN Input High
VIH
2.0
V
EN and RTEN Input Low
VIL
0.8
V
FAIL Output High
VOH
Source 150µA
2.4
V
FAIL Output Low
VOL
Sink 2mA
0.4
V


Similar Part No. - MAX3863

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
MAX3863EGJ ETC-MAX3863EGJ Datasheet
65Kb / 7P
   PLASTIC ENCAPSULATED DEVICES
Maxim Integrated Products
Maxim Integrated Produc...
MAX3863EGJ MAXIM-MAX3863EGJ Datasheet
531Kb / 15P
   2.7Gbps Laser Driver with Modulation Compensation
2008
MAX3863ETJ++ MAXIM-MAX3863ETJ+ Datasheet
531Kb / 15P
   2.7Gbps Laser Driver with Modulation Compensation
2008
MAX3863 MAXIM-MAX3863_V01 Datasheet
531Kb / 15P
   2.7Gbps Laser Driver with Modulation Compensation
2008
More results

Similar Description - MAX3863

ManufacturerPart No.DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MAX3863 MAXIM-MAX3863_V01 Datasheet
531Kb / 15P
   2.7Gbps Laser Driver with Modulation Compensation
2008
MAX3735A MAXIM-MAX3735A Datasheet
1Mb / 18P
   2.7Gbps, Low-Power SFP Laser Driver
2013
MAX3850 MAXIM-MAX3850 Datasheet
901Kb / 14P
   2.7Gbps, 3.3V DC-Coupled Laser Driver
Rev 1; 5/03
MAX3865 MAXIM-MAX3865 Datasheet
633Kb / 16P
   2.5Gbps Laser Driver with Automatic Modulation Control
19-2247; Rev 1; 4/02
Micrel Semiconductor
Micrel Semiconductor
SY88952L MICREL-SY88952L Datasheet
60Kb / 7P
   3.3V, 2.7Gbps SDH/SONET LASER DRIVER WITH AUTOMATIC POWER CONTROL
Maxim Integrated Products
Maxim Integrated Produc...
PHY1076 MAXIM-PHY1076 Datasheet
930Kb / 49P
   125Mbps to 2.7Gbps Laser Driver/ Post Amp with Digital Diagnostics
19-5684; Rev 9/12
List of Unclassifed Manufacturers
List of Unclassifed Man...
M02097-11 ETC2-M02097-11 Datasheet
671Kb / 21P
   Temperature compensation for modulation current
Maxim Integrated Products
Maxim Integrated Produc...
MAX3738 MAXIM-MAX3738 Datasheet
403Kb / 14P
   1Gbps to 2.7Gbps SFF/SFP Laser Driver with Extinction Ratio Control
Rev 0; 1/04
MAX3735 MAXIM-MAX3735 Datasheet
1Mb / 18P
   2.7Gbps, Low-Power SFP Laser Drivers
19-2529; Rev 1; 4/03
List of Unclassifed Manufacturers
List of Unclassifed Man...
ZLED7001 ETC2-ZLED7001 Datasheet
446Kb / 16P
   Universal LED Driver with Temperature Compensation
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz