Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

MAX3863 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part No. MAX3863
Description  2.7Gbps Laser Driver with Modulation Compensation
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3863 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX3863 Datasheet HTML 1Page - Maxim Integrated Products MAX3863 Datasheet HTML 2Page - Maxim Integrated Products MAX3863 Datasheet HTML 3Page - Maxim Integrated Products MAX3863 Datasheet HTML 4Page - Maxim Integrated Products MAX3863 Datasheet HTML 5Page - Maxim Integrated Products MAX3863 Datasheet HTML 6Page - Maxim Integrated Products MAX3863 Datasheet HTML 7Page - Maxim Integrated Products MAX3863 Datasheet HTML 8Page - Maxim Integrated Products MAX3863 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
2.7Gbps Laser Driver with Modulation
Compensation
4
_______________________________________________________________________________________
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted. See Typical Operating Circuit.)
ELECTRICAL EYE DIAGRAM
(IMOD = 80mA, DATA RATE = 2.7Gbps,
PATTERN 213 - 1 + 80CID)
52ps/div
ELECTRICAL EYE DIAGRAM
(IMOD = 80mA, DATA RATE = 3.2Gbps,
PATTERN 213 - 1 + 80CID)
52ps/div
ELECTRICAL EYE DIAGRAM
(IMOD = 7mA, DATA RATE = 2.7Gbps,
PATTERN 213 - 1 + 80CID)
52ps/div
ELECTRICAL EYE DIAGRAM
(IMOD = 7mA, DATA RATE = 3.2Gbps,
PATTERN 213 - 1 + 80CID)
52ps/div
OPTICAL EYE DIAGRAM
(IMOD = 40mA, DATA RATE = 2.5Gbps,
PATTERN 213 - 1 + 80CID)
58ps/div
OPTICAL EYE DIAGRAM
(IMOD = 40mA, DATA RATE = 3.2Gbps,
PATTERN 213 - 1 + 80CID)
58ps/div
SUPPLY CURRENT (ICC) vs.TEMPERATURE
(EXCLUDES BIAS AND
MODULATION CURRENTS)
TEMPERATURE (
°C)
60
40
-20
0
20
45
50
55
60
65
70
75
80
40
-40
80
DETERMINISTIC JITTER vs. IMOD
IMOD (mA)
75
65
15
25
35
45
55
2
4
6
8
10
12
14
16
0
585
3.2Gbps
2.7Gbps
PULSE-WIDTH ADJUST
vs. DIFFERENTIAL VPWC
VPWC+ - VPWC- (V)
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
-200
-100
0
100
200
300
-300
-0.8
0.8


Similar Part No. - MAX3863

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
MAX3863EGJ ETC-MAX3863EGJ Datasheet
65Kb / 7P
   PLASTIC ENCAPSULATED DEVICES
Maxim Integrated Products
Maxim Integrated Produc...
MAX3863EGJ MAXIM-MAX3863EGJ Datasheet
531Kb / 15P
   2.7Gbps Laser Driver with Modulation Compensation
2008
MAX3863ETJ++ MAXIM-MAX3863ETJ+ Datasheet
531Kb / 15P
   2.7Gbps Laser Driver with Modulation Compensation
2008
MAX3863 MAXIM-MAX3863_V01 Datasheet
531Kb / 15P
   2.7Gbps Laser Driver with Modulation Compensation
2008
More results

Similar Description - MAX3863

ManufacturerPart No.DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MAX3863 MAXIM-MAX3863_V01 Datasheet
531Kb / 15P
   2.7Gbps Laser Driver with Modulation Compensation
2008
MAX3735A MAXIM-MAX3735A Datasheet
1Mb / 18P
   2.7Gbps, Low-Power SFP Laser Driver
2013
MAX3850 MAXIM-MAX3850 Datasheet
901Kb / 14P
   2.7Gbps, 3.3V DC-Coupled Laser Driver
Rev 1; 5/03
MAX3865 MAXIM-MAX3865 Datasheet
633Kb / 16P
   2.5Gbps Laser Driver with Automatic Modulation Control
19-2247; Rev 1; 4/02
Micrel Semiconductor
Micrel Semiconductor
SY88952L MICREL-SY88952L Datasheet
60Kb / 7P
   3.3V, 2.7Gbps SDH/SONET LASER DRIVER WITH AUTOMATIC POWER CONTROL
Maxim Integrated Products
Maxim Integrated Produc...
PHY1076 MAXIM-PHY1076 Datasheet
930Kb / 49P
   125Mbps to 2.7Gbps Laser Driver/ Post Amp with Digital Diagnostics
19-5684; Rev 9/12
List of Unclassifed Manufacturers
List of Unclassifed Man...
M02097-11 ETC2-M02097-11 Datasheet
671Kb / 21P
   Temperature compensation for modulation current
Maxim Integrated Products
Maxim Integrated Produc...
MAX3738 MAXIM-MAX3738 Datasheet
403Kb / 14P
   1Gbps to 2.7Gbps SFF/SFP Laser Driver with Extinction Ratio Control
Rev 0; 1/04
MAX3735 MAXIM-MAX3735 Datasheet
1Mb / 18P
   2.7Gbps, Low-Power SFP Laser Drivers
19-2529; Rev 1; 4/03
List of Unclassifed Manufacturers
List of Unclassifed Man...
ZLED7001 ETC2-ZLED7001 Datasheet
446Kb / 16P
   Universal LED Driver with Temperature Compensation
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz