Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1279BCTC-T Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1279BCTC-T
Description  1.5Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs with Internal Reference
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1279BCTC-T Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1279BCTC-T Datasheet HTML 2Page - Maxim Integrated Products MAX1279BCTC-T Datasheet HTML 3Page - Maxim Integrated Products MAX1279BCTC-T Datasheet HTML 4Page - Maxim Integrated Products MAX1279BCTC-T Datasheet HTML 5Page - Maxim Integrated Products MAX1279BCTC-T Datasheet HTML 6Page - Maxim Integrated Products MAX1279BCTC-T Datasheet HTML 7Page - Maxim Integrated Products MAX1279BCTC-T Datasheet HTML 8Page - Maxim Integrated Products MAX1279BCTC-T Datasheet HTML 9Page - Maxim Integrated Products MAX1279BCTC-T Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
1.5Msps, Single-Supply, Low-Power, True-
Differential, 12-Bit ADCs with Internal Reference
_______________________________________________________________________________________
7
TOTAL HARMONIC DISTORTION
vs. SOURCE IMPEDANCE
SOURCE IMPEDANCE (
Ω)
100
-90
-80
-70
-60
-50
-100
10
1000
fIN = 500kHz
fIN = 100kHz
TWO-TONE IMD PLOT (MAX1277)
ANALOG INPUT FREQUENCY (kHz)
625
500
375
250
125
-120
-100
-80
-60
-40
-20
0
-140
0
750
fIN1 = 250.102kHz
fIN2 = 299.966kHz
IMD = -88.4dB
fIN1
fIN2
TWO-TONE IMD PLOT (MAX1279)
ANALOG INPUT FREQUENCY (kHz)
625
500
375
250
125
-120
-100
-80
-60
-40
-20
0
-140
0
750
fIN1 = 250.102kHz
fIN2 = 299.966kHz
IMD = -85.2dB
fIN1
fIN2
0
0.20
0.60
0.40
0.80
1.00
-40
10
-15
35
60
85
VDD/VL FULL POWER-DOWN
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
VDD, SCLK = 24MHz
VDD, NO SCLK
VL, NO SCLK
0
50
25
75
100
-40
10
-15
35
60
85
VL PARTIAL/FULL POWER-DOWN
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
VL, = 3V, SCLK = 24MHz
VL, = 1.8V, SCLK = 24MHz
0
3.0
1.5
6.0
4.5
7.5
9.0
-40
10
-15
35
60
85
VDD SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
CONVERSION
PARTIAL POWER-DOWN
Typical Operating Characteristics (continued)
(VDD = +3V, VL = VDD, fSCLK = 24MHz, fSAMPLE = 1.5Msps, TA = TMIN to TMAX, unless otherwise noted. Typical values are measured
at TA = +25°C.)


Similar Part No. - MAX1279BCTC-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1279BETC-T MAXIM-MAX1279BETC-T Datasheet
355Kb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs with Internal Reference
Rev 1; 4/09
More results

Similar Description - MAX1279BCTC-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1277 MAXIM-MAX1277_09 Datasheet
355Kb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs with Internal Reference
Rev 1; 4/09
MAX1077 MAXIM-MAX1077 Datasheet
394Kb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs with Internal Reference
Rev 1; 3/11
MAX1224 MAXIM-MAX1224_09 Datasheet
1Mb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs
Rev 1; 4/09
MAX1224 MAXIM-MAX1224 Datasheet
1Mb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs
Rev 0; 5/04
MAX1276 MAXIM-MAX1276_09 Datasheet
663Kb / 18P
   1.8Msps, Single-Supply, Low-Power, True- Differential, 12-Bit ADCs with Internal Reference
Rev 1; 4/09
MAX1276 MAXIM-MAX1276 Datasheet
1Mb / 18P
   1.8Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs with Internal Reference
Rev 0; 8/04
MAX1070 MAXIM-MAX1070 Datasheet
1Mb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
Rev 0; 5/04
MAX1070 MAXIM-MAX1070_09 Datasheet
523Kb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
Rev 1; 4/09
MAX1078 MAXIM-MAX1078 Datasheet
1Mb / 18P
   1.8Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs with Internal Reference
Rev 0; 5/04
MAX1076 MAXIM-MAX1076 Datasheet
1Mb / 18P
   1.8Msps, Single-Supply, Low-Power, True- Differential, 10-Bit ADCs with Internal Reference
Rev 1; 4/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com