Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS00003PIHL-PE Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # SS00003PIHL-PE
Description  Watch crystal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

SS00003PIHL-PE Datasheet(HTML) 2 Page - Advanced Crystal Technology

  SS00003PIHL-PE Datasheet HTML 1Page - Advanced Crystal Technology SS00003PIHL-PE Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
J206 SMX Series
 8.4 x 2.5mm Watch crystal
Reflow profile
Temp.( °C)
Time (sec.)
180 ± 10°C
90~120 sec. max
0.45 in
260 ± 5°C
10 sec. max
300
250
200
150
100
50
0
220 ± 10°C
30~40 sec. max
Frequency stability vs temperature
‐190
‐180
‐170
‐160
‐150
‐140
‐130
‐120
‐110
‐100
‐90
‐80
‐70
‐60
‐50
‐40
‐30
‐20
‐10
0
10
‐40
‐30
‐20
‐10
0
10203040506070
8090
Temperature °C
X‐Y cut :  Frequency stability v temperature
Drawing control: (Internal use only)
Commodity code: 854 160 00 00
Issue number: N1
Date: 1/02/2017
Internal reference: M4B
Additional information
ACT (A wholly owned Acal BFi Company)
+44 (0) 118 978 8878|sales@act.co.uk|www.act.co.uk
ISO9001 Registered 
Specifications subject to change without notification


Similar Part No. - SS00003PIHL-PE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SS008B ETC-SS008B Datasheet
106Kb / 1P
   P.C.B HOLE DETAIL
2005 01.07
SS008B-02P-22 ETC-SS008B-02P-22 Datasheet
106Kb / 1P
   P.C.B HOLE DETAIL
2005 01.07
More results

Similar Description - SS00003PIHL-PE

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT1X5 ACT-ACT1X5 Datasheet
82Kb / 1P
   Watch Crystal
03-10-07
OJ00003GIHD-PF ACT-OJ00003GIHD-PF Datasheet
134Kb / 1P
   Watch crystal
01/02/2017
logo
Golledge Electronics Lt...
MS2V GOLLEDGE-MS2V_07 Datasheet
59Kb / 1P
   SM Watch Crystal
CM7V04 GOLLEDGE-CM7V04 Datasheet
120Kb / 1P
   SM Watch Crystal
MS1V GOLLEDGE-MS1V_06 Datasheet
60Kb / 1P
   SM Watch Crystal
MS1V GOLLEDGE-MS1V Datasheet
56Kb / 1P
   SM Watch crystal
logo
Abracon Corporation
AB26TRB ABRACON-AB26TRB_15 Datasheet
925Kb / 3P
   CYLINDRICAL WATCH CRYSTAL
04.24.13
logo
Golledge Electronics Lt...
CC5V GOLLEDGE-CC5V_16 Datasheet
125Kb / 1P
   SM Watch Crystal
GSX200 GOLLEDGE-GSX200 Datasheet
56Kb / 1P
   SM Watch Crystal
GSX-218 GOLLEDGE-GSX-218 Datasheet
51Kb / 1P
   SM Watch Crystal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com