Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP5424 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP5424
Description  Dual Synchronous Buck Controller with Input Current Sharing
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5424 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP5424 Datasheet HTML 3Page - ON Semiconductor NCP5424 Datasheet HTML 4Page - ON Semiconductor NCP5424 Datasheet HTML 5Page - ON Semiconductor NCP5424 Datasheet HTML 6Page - ON Semiconductor NCP5424 Datasheet HTML 7Page - ON Semiconductor NCP5424 Datasheet HTML 8Page - ON Semiconductor NCP5424 Datasheet HTML 9Page - ON Semiconductor NCP5424 Datasheet HTML 10Page - ON Semiconductor NCP5424 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
NCP5424
http://onsemi.com
7
VCC
Set
Dominant
IS+1
PWM
Comparator 1
PWM
Comparator 2
Reset
Dominant
CURRENT
SOURCE
GEN
BST
FAULT
BIAS
R
S
R
S
R
S
RAMP1
GATE(H)1
0.40 V
0.25 V
GND
COMP1
+
+
+
+
COMP2
VFB1
RAMP2
FAULT
Reset
Dominant
GATE(L)1
GATE(H)2
GATE(L)2
VCC
BST
VCC
RAMP1
RAMP2
CLK1
CLK2
OSC
0.40 V
E/A2
E/A OFF
E/A1
E/A OFF
ROSC
Q
1.2 mA
VFB- 2
1.0 V
VCC
+
+
IS-
IS+2
8.6 V
70 mV
70 mV
BST
Figure 2. Block Diagram
7.8 V
VFB+2
5
mA


Similar Part No. - NCP5424

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5424 ONSEMI-NCP5424 Datasheet
137Kb / 18P
   Dual Synchronous Buck Controller with Input Current Sharing
March, 2005 ??Rev. 4
NCP5424A ONSEMI-NCP5424A Datasheet
134Kb / 20P
   Dual Synchronous Buck Controller
August, 2003 ??Rev. 0
NCP5424AD ONSEMI-NCP5424AD Datasheet
134Kb / 20P
   Dual Synchronous Buck Controller
August, 2003 ??Rev. 0
NCP5424ADR2 ONSEMI-NCP5424ADR2 Datasheet
134Kb / 20P
   Dual Synchronous Buck Controller
August, 2003 ??Rev. 0
NCP5424D ONSEMI-NCP5424D Datasheet
137Kb / 18P
   Dual Synchronous Buck Controller with Input Current Sharing
March, 2005 ??Rev. 4
More results

Similar Description - NCP5424

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5424 ONSEMI-NCP5424_05 Datasheet
137Kb / 18P
   Dual Synchronous Buck Controller with Input Current Sharing
March, 2005 ??Rev. 4
logo
Semtech Corporation
SC2677B SEMTECH-SC2677B Datasheet
547Kb / 19P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC1176 SEMTECH-SC1176_06 Datasheet
601Kb / 23P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
logo
Anpec Electronics Corop...
APW1175 ANPEC-APW1175 Datasheet
247Kb / 10P
   DUAL SYNCHRONOUS DC/DC CONTROLLER WITH CURRENT SHARING CONTROL
logo
Semtech Corporation
SC2677B SEMTECH-SC2677B_09 Datasheet
382Kb / 19P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC2677 SEMTECH-SC2677 Datasheet
163Kb / 9P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC1176 SEMTECH-SC1176 Datasheet
384Kb / 23P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
logo
International Rectifier
IRU3046 IRF-IRU3046 Datasheet
163Kb / 20P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
IRU3047 IRF-IRU3047 Datasheet
141Kb / 19P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
logo
Semtech Corporation
SC1175 SEMTECH-SC1175 Datasheet
348Kb / 20P
   Low Power Dual Synchronous DC/DC Controller With Current Sharing Circuitry
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com