Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP5424D Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP5424D
Description  Dual Synchronous Buck Controller with Input Current Sharing
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5424D Datasheet(HTML) 5 Page - ON Semiconductor

  NCP5424D Datasheet HTML 1Page - ON Semiconductor NCP5424D Datasheet HTML 2Page - ON Semiconductor NCP5424D Datasheet HTML 3Page - ON Semiconductor NCP5424D Datasheet HTML 4Page - ON Semiconductor NCP5424D Datasheet HTML 5Page - ON Semiconductor NCP5424D Datasheet HTML 6Page - ON Semiconductor NCP5424D Datasheet HTML 7Page - ON Semiconductor NCP5424D Datasheet HTML 8Page - ON Semiconductor NCP5424D Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
NCP5424
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS (continued) (0
°C < TA < 70°C; 0°C < TJ < 125°C; ROSC = 30.9 k, CCOMP1,2 = 0.1 µF,
10.8 V < VCC < 13.2 V; 10.8 V < BST < 20 V, CGATE(H)1,2 = CGATE(L)1,2 = 1.0 nF, VFB+2 = 1.0 V; unless otherwise specified.)
Characteristic
Unit
Max
Typ
Min
Test Conditions
Oscillator
Switching Frequency
ROSC = 61.9 k; Measure GATE(H)1; Note 3
112
150
188
kHz
Switching Frequency
ROSC = 30.9 k; Measure GATE(H)1
250
300
350
kHz
Switching Frequency
ROSC = 15.1 k; Measure GATE(H)1; Note 3
450
600
750
kHz
ROSC Voltage
ROSC = 30.9 k, Note 3
0.970
1.000
1.030
V
Phase Difference
-
-
180
-
°
Supply Currents
VCC Current
COMP1,2 = 0 V (No Switching)
-
13
17
mA
BST Current
COMP1,2 = 0 V (No Switching)
-
3.5
6.0
mA
Undervoltage Lockout
Start Threshold
GATE(H) Switching; COMP1,2 charging
7.8
8.6
9.4
V
Stop Threshold
GATE(H) not switching; COMP1,2 discharging
7.0
7.8
8.6
V
Hysteresis
Start-Stop
0.5
0.8
1.5
V
Hiccup Mode Overcurrent Protection (Controller 1)
OVC Comparator Offset Voltage
0 V < IS+ 1 < 5.5 V, 0 V < IS- < 5.5 V
55
70
85
mV
Discharge Threshold
-
0.20
0.25
0.30
V
IS+ 1 Bias Current
0 V < IS+ 1 < 5.5 V
-1.0
0.1
1.0
µA
IS- Bias Current
0 V < IS- < 5.5 V
-2.0
0.2
2.0
µA
OVC Common Mode Range
-
0
-
5.5
V
OVC Latch COMP1 Discharge Current
COMP1 = 1.0 V
2.0
5.0
8.0
µA
Cycle-to-Cycle Current Limit (Controller 2)
OVC Comparator Offset Voltage
0 V < IS+ 2 < 5.5 V, 0 V < IS- < 5.5 V
55
70
85
mV
IS+ 2 Bias Current
0 V < IS+ 2 < 5.5 V
-1.0
0.1
1.0
µA
OVC Common Mode Range
-
0
-
5.5
V
OVC Latch COMP2 Discharge Current
COMP = 1.0 V
0.3
1.2
3.5
mA
3. Guaranteed by design, not 100% tested in production.


Similar Part No. - NCP5424D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5424D ONSEMI-NCP5424D Datasheet
137Kb / 18P
   Dual Synchronous Buck Controller with Input Current Sharing
March, 2005 ??Rev. 4
NCP5424DG ONSEMI-NCP5424DG Datasheet
137Kb / 18P
   Dual Synchronous Buck Controller with Input Current Sharing
March, 2005 ??Rev. 4
NCP5424DR2 ONSEMI-NCP5424DR2 Datasheet
137Kb / 18P
   Dual Synchronous Buck Controller with Input Current Sharing
March, 2005 ??Rev. 4
NCP5424DR2G ONSEMI-NCP5424DR2G Datasheet
137Kb / 18P
   Dual Synchronous Buck Controller with Input Current Sharing
March, 2005 ??Rev. 4
More results

Similar Description - NCP5424D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5424 ONSEMI-NCP5424_05 Datasheet
137Kb / 18P
   Dual Synchronous Buck Controller with Input Current Sharing
March, 2005 ??Rev. 4
logo
Semtech Corporation
SC2677B SEMTECH-SC2677B Datasheet
547Kb / 19P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC1176 SEMTECH-SC1176_06 Datasheet
601Kb / 23P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
logo
Anpec Electronics Corop...
APW1175 ANPEC-APW1175 Datasheet
247Kb / 10P
   DUAL SYNCHRONOUS DC/DC CONTROLLER WITH CURRENT SHARING CONTROL
logo
Semtech Corporation
SC2677B SEMTECH-SC2677B_09 Datasheet
382Kb / 19P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC2677 SEMTECH-SC2677 Datasheet
163Kb / 9P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC1176 SEMTECH-SC1176 Datasheet
384Kb / 23P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
logo
International Rectifier
IRU3046 IRF-IRU3046 Datasheet
163Kb / 20P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
IRU3047 IRF-IRU3047 Datasheet
141Kb / 19P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
logo
Semtech Corporation
SC1175 SEMTECH-SC1175 Datasheet
348Kb / 20P
   Low Power Dual Synchronous DC/DC Controller With Current Sharing Circuitry
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com