Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OM60N10SC Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # OM60N10SC
Description  LOW VOLTAGE, LOW RDS(on) POWER MOSFETS IN HERMETIC ISOLATED PACKAGE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OM60N10SC Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  OM60N10SC Datasheet HTML 1Page - List of Unclassifed Manufacturers OM60N10SC Datasheet HTML 2Page - List of Unclassifed Manufacturers OM60N10SC Datasheet HTML 3Page - List of Unclassifed Manufacturers OM60N10SC Datasheet HTML 4Page - List of Unclassifed Manufacturers OM60N10SC Datasheet HTML 5Page - List of Unclassifed Manufacturers OM60N10SC Datasheet HTML 6Page - List of Unclassifed Manufacturers OM60N10SC Datasheet HTML 7Page - List of Unclassifed Manufacturers OM60N10SC Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
3.1 - 48
OM55N10SA - OM75N06SC
3.1
ABSOLUTE MAXIMUM RATINGS (TC = 25°C unless otherwise noted)
55N10SA
75N06SA
75N05SA
Parameter
60N10SC
55N10SC
75N06SC
75N05SC
Units
V
DS
Drain-Source Voltage
100
100
60
50
V
V
DGR
Drain-Gate Voltage (R
GS = 1 M )
100
100
60
50
V
I
D @ TC = 25°C
Continuous Drain Current2
60
55
75
75
A
I
D @ TC = 100°C
Continuous Drain Current2
37
33
45
45
A
I
DM
Pulsed Drain Current1
180
180
225
225
A
P
D @ TC = 25°C
Maximum Power Dissipation
130
125
125
125
W
P
D @ TC = 100°C
Maximum Power Dissipation
55
50
50
50
W
Junction-To-Case
Linear Derating Factor
1.00
1.00
1.00
1.00
W/°C
T
J
Operating and
T
stg
Storage Temperature Range
-55 to 150
-55 to 150
-55 to 150
-55 to 150
°C
Lead Temperature (1/16" from case for 10 secs.)
300
300
300
300
°C
1 Pulse Test: Pulse width 300 µsec. Duty Cycle 1.5%.
2 Package Limited: SA I
D = 25A & SC
I
D = 35A @ 25°C
THERMAL RESISTANCE
R
thJC
Junction-to-Case
1.0
°C/W
PACKAGE LIMITATIONS
Parameters
TO254AA
TO-258AA
Unit
I
D
Continuous Drain Current
25
35
A
Linear Derating Factor, Junction-to-Ambient
.020
.025
W/°C
R
thJA
Thermal Resistance, Junction-to-Ambient (Free Air Operation)
50
40
°C/W
.707
.697
.750
.500
.835
.815
.695
.685
.165
.155
.200 TYP.
.550
.530
.270
.240
.045
.035
.140 TYP.
.092 MAX.
.065
.055
.005
TO-258AA
MECHANICAL OUTLINE
.144 DIA.
.050
.040
.260
.249
.685
.665
.800
.790
.545
.535
.550
.510
.045
.035
.550
.530
.150 TYP.
.150 TYP.
.005
TO-254AA
Note: MOSFETs are also available in Z-Tab, dual and quad pak styles. Duals and quads available in non-gate versions only.
Please call the factory for more information.
PACKAGE OPTIONS
MOD PAK
Z-TAB
6 PIN SIP


Similar Part No. - OM60N10SC

ManufacturerPart #DatasheetDescription
logo
International Rectifier
OM60N10SC IRF-OM60N10SC Datasheet
81Kb / 8P
   LOW VOLTAGE, LOW RDS(on) POWER MOSFETS IN HERMETIC ISOLATED PACKAGE
More results

Similar Description - OM60N10SC

ManufacturerPart #DatasheetDescription
logo
International Rectifier
OM60N06SA IRF-OM60N06SA Datasheet
215Kb / 6P
   LOW VOLTAGE, LOW RDS(on) POWER MOSFETS IN HERMETIC ISOLATED PACKAGE
OM55N10SC IRF-OM55N10SC Datasheet
81Kb / 8P
   LOW VOLTAGE, LOW RDS(on) POWER MOSFETS IN HERMETIC ISOLATED PACKAGE
logo
List of Unclassifed Man...
OMY140 ETC-OMY140 Datasheet
39Kb / 4P
   POWER MOSFETS IN HERMETIC ISOLATED TO-257AA PACKAGE
OM6214SS ETC-OM6214SS Datasheet
43Kb / 4P
   TWO POWER MOSFETS IN HERMETIC ISOLATED SIP PACKAGE
OM6056 ETC-OM6056 Datasheet
29Kb / 2P
   POWER MOSFETS IN A HERMETIC ISOLATED POWER BLOCK PACKAGE
OM6009SA ETC2-OM6009SA Datasheet
47Kb / 4P
   POWER MOSFETS IN HERMETIC ISOLATED
logo
International Rectifier
OM6050SJ IRF-OM6050SJ Datasheet
29Kb / 2P
   HIGH CURRENT MOSFET IN ISOLATED, TO-267 HERMETIC PACKAGE, SIZE 7 DIE, LOW RDS(on)
logo
Sensitron
SHD226701 SENSITRON-SHD226701 Datasheet
138Kb / 2P
   LOW RDS(on) HERMETIC POWER MOSFET - N-CHANNEL
SHD225623 SENSITRON-SHD225623 Datasheet
60Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL ULTRA LOW RDS(ON)
logo
List of Unclassifed Man...
OM1N100SA ETC2-OM1N100SA Datasheet
44Kb / 4P
   POWER MOSFET IN HERMETIC ISOLATED JEDEC PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com