Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPF2404 Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OPF2404
Description  25 MHZ FIBER OPTIC RECEIVER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPF2404 Datasheet(HTML) 2 Page - OPTEK Technologies

  OPF2404 Datasheet HTML 1Page - OPTEK Technologies OPF2404 Datasheet HTML 2Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - OPF2404

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OPF2412 TTELEC-OPF2412 Datasheet
453Kb / 3P
   Fiber Optic Receiver
logo
OPTEK Technologies
OPF2412C OPTEK-OPF2412C Datasheet
420Kb / 4P
   850nm Fiber Optic Receiver Module in Dual-in-Line Package
OPF2412T OPTEK-OPF2412T Datasheet
420Kb / 4P
   850nm Fiber Optic Receiver Module in Dual-in-Line Package
logo
TT Electronics.
OPF2412T TTELEC-OPF2412T Datasheet
453Kb / 3P
   Fiber Optic Receiver
logo
OPTEK Technologies
OPF2414C OPTEK-OPF2414C Datasheet
420Kb / 4P
   850nm Fiber Optic Receiver Module in Dual-in-Line Package
More results

Similar Description - OPF2404

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPF560 OPTEK-OPF560 Datasheet
420Kb / 4P
   125 MHz Fiber Optic Receiver
logo
KODENSHI_AUK CORP.
KOP-1021A KODENSHI-KOP-1021A Datasheet
181Kb / 1P
   Fiber Optic Receiver
logo
Unity Opto Technology
MOF-R3K2 UOT-MOF-R3K2 Datasheet
67Kb / 4P
   Fiber Optic Receiver
logo
OPTEK Technologies
OPF500 OPTEK-OPF500_14 Datasheet
222Kb / 5P
   Fiber Optic Receiver
logo
TT Electronics.
OPF2412 TTELEC-OPF2412 Datasheet
453Kb / 3P
   Fiber Optic Receiver
OPF2418 TTELEC-OPF2418 Datasheet
652Kb / 3P
   Fiber Optic Receiver
logo
National Semiconductor ...
FOR361B-1 NSC-FOR361B-1 Datasheet
371Kb / 4P
   Fiber-Optic Receiver
logo
Unity Opto Technology
MOF-R3K3 UOT-MOF-R3K3 Datasheet
63Kb / 4P
   Fiber Optic Receiver
MOF-R3C2 UOT-MOF-R3C2 Datasheet
345Kb / 4P
   Fiber Optic Receiver
MOF-R3C3 UOT-MOF-R3C3 Datasheet
349Kb / 4P
   Fiber Optic Receiver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com