Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SABC517A-LN Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # SABC517A-LN
Description  8 BIT CMOS MICROCONTROLLER
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SABC517A-LN Datasheet(HTML) 8 Page - Siemens Semiconductor Group

Back Button SABC517A-LN Datasheet HTML 4Page - Siemens Semiconductor Group SABC517A-LN Datasheet HTML 5Page - Siemens Semiconductor Group SABC517A-LN Datasheet HTML 6Page - Siemens Semiconductor Group SABC517A-LN Datasheet HTML 7Page - Siemens Semiconductor Group SABC517A-LN Datasheet HTML 8Page - Siemens Semiconductor Group SABC517A-LN Datasheet HTML 9Page - Siemens Semiconductor Group SABC517A-LN Datasheet HTML 10Page - Siemens Semiconductor Group SABC517A-LN Datasheet HTML 11Page - Siemens Semiconductor Group SABC517A-LN Datasheet HTML 12Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 72 page
background image
C517A
Semiconductor Group
6
Table 1
Pin Definitions and Functions
6\PERO
3LQ1XPEHU
,2 )XQFWLRQ
304)3
3/&&
P1.0 - P1.7
9 - 6, 1,
100 - 98
9
8
7
6
1
100
99
98
36 - 29
36
35
34
33
32
31
30
29
I/O
Port 1
is an 8-bit quasi-bidirectional I/O port with
internal pullup resistors. Port 1 pins that
have 1’s written to them are pulled high by
the internal pullup resistors, and in that state
can be used as inputs. As inputs, port 1 pins
being externally pulled low will source
current (I IL, in the DC characteristics)
because of the internal pullup resistors. The
port is used for the low-order address byte
during program verification. Port 1 also
contains the interrupt, timer, clock, capture
and compare pins that are used by various
options. The output latch corresponding to a
secondary function must be programmed to
a one (1) for that function to operate (except
when used for the compare functions). The
secondary functions are assigned to the port
1 pins as follows :
P1.0 / INT3 / CC0
Interrupt 3 input /
compare 0 output /
capture 0 input
P1.1 / INT4 / CC1
Interrupt 4 input /
compare 1 output /
capture 1 input
P1.2 / INT5 / CC2
Interrupt 5 input /
compare 2 output /
capture 2 input
P1.3 / INT6 / CC3
Interrupt 6 input /
compare 3 output /
capture 3 input
P1.4 / INT2 / CC4
Interrupt 2 input /
compare 4 output /
capture 4 input
P1.5 / T2EX
Timer 2 external
reload / trigger input
P1.6 / CLKOUT
System clock output
P1.7 / T2
Counter 2 input
*) I = Input,
O = Output


Similar Part No. - SABC517A-LN

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SABC517ALN INFINEON-SABC517ALN Datasheet
803Kb / 72P
   8-Bit CMOS Microcontroller
datasheet 01.99
More results

Similar Description - SABC517A-LN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP87CH34BN TOSHIBA-TMP87CH34BN Datasheet
7Mb / 138P
   CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C509-L SIEMENS-C509-L Datasheet
1Mb / 74P
   8-Bit CMOS Microcontroller
C515C SIEMENS-C515C Datasheet
1Mb / 69P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP86CS64F TOSHIBA-TMP86CS64F Datasheet
564Kb / 12P
   CMOS 8-Bit Microcontroller
TMP86CH21F TOSHIBA-TMP86CH21F Datasheet
603Kb / 11P
   CMOS 8-Bit Microcontroller
TMP86PH06U TOSHIBA-TMP86PH06U Datasheet
513Kb / 13P
   CMOS 8 BIT MICROCONTROLLER
logo
Samsung semiconductor
S3P830A SAMSUNG-S3P830A Datasheet
1Mb / 342P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP87CS71F TOSHIBA-TMP87CS71F Datasheet
4Mb / 84P
   CMOS 8-BIT MICROCONTROLLER
TMP86C846N TOSHIBA-TMP86C846N Datasheet
537Kb / 10P
   CMOS 8-bit MICROCONTROLLER
logo
Infineon Technologies A...
C515 INFINEON-C515 Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
1997-08-01
logo
Toshiba Semiconductor
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
   CMOS 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com