Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI6436DQ Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI6436DQ
Description  N-Channel 30-V (D-S) Rated MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI6436DQ Datasheet(HTML) 2 Page - Vishay Siliconix

  SI6436DQ Datasheet HTML 1Page - Vishay Siliconix SI6436DQ Datasheet HTML 2Page - Vishay Siliconix SI6436DQ Datasheet HTML 3Page - Vishay Siliconix SI6436DQ Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Si6436DQ
8
Siliconix
S-49534—Rev. E, 06-Oct-97
Specifications (TJ = 25
_C Unless Otherwise Noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 mA
1
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "20 V
"100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 30 V, VGS = 0 V
1
mA
Zero Gate Voltage Drain Current
IDSS
VDS = 30 V, VGS = 0 V, TJ = 55_C
20
mA
On-State Drain Currenta
ID(on)
VDS = 5 V, VGS = 10 V
20
A
Drain Source On State Resistancea
r
VGS = 10 V, ID = 4.4 A
0.034
0.045
W
Drain-Source On-State Resistancea
rDS(on)
VGS = 4.5 V, ID = 3.0 A
0.052
0.070
W
Forward Transconductancea
gfs
VDS = 15 V, ID = 4.4 A
8
S
Diode Forward Voltagea
VSD
IS = 1.7 A, VGS = 0 V
0.75
1.2
V
Dynamicb
Total Gate Charge
Qg
13
30
Gate-Source Charge
Qgs
VDS = 15 V, VGS = 10 V, ID = 4.4 A
1.7
nC
Gate-Drain Charge
Qgd
3.7
Turn-On Delay Time
td(on)
12
30
Rise Time
tr
VDD = 15 V, RL = 15 W
10
25
Turn-Off Delay Time
td(off)
ID ^ 1 A, VGEN = 10 V, RG = 6 W
25
30
ns
Fall Time
tf
10
50
Source-Drain Reverse Recovery Time
trr
IF = 1.7 A, di/dt = 100 A/ms
120
160
Notes
a.
Pulse test; pulse width
v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.


Similar Part No. - SI6436DQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI6433BDQ VISHAY-SI6433BDQ Datasheet
221Kb / 3P
   P-Channel 2.5-V (G-S) MOSFET
21-May-04
SI6433BDQ VISHAY-SI6433BDQ Datasheet
100Kb / 6P
   P-Channel 2.5-V (G-S) MOSFET
Rev. C, 31-Mar-08
SI6433BDQ VISHAY-SI6433BDQ Datasheet
209Kb / 11P
   P-Channel 2.5-V (G-S) MOSFET
Rev. C, 31-Mar-08
SI6433BDQ-T1-GE3 VISHAY-SI6433BDQ-T1-GE3 Datasheet
209Kb / 11P
   P-Channel 2.5-V (G-S) MOSFET
Rev. C, 31-Mar-08
SI6433BDQ VISHAY-SI6433BDQ_08 Datasheet
100Kb / 6P
   P-Channel 2.5-V (G-S) MOSFET
Rev. C, 31-Mar-08
More results

Similar Description - SI6436DQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4412DY-T1-E3 VISHAY-SI4412DY-T1-E3 Datasheet
229Kb / 8P
   N-Channel 30-V (D-S) Rated MOSFET
Rev. D, 27-Apr-09
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com