Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD500R30MC Datasheet(PDF) 3 Page - International Rectifier

Part # SD500R30MC
Description  STANDARD RECOVERY DIODES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SD500R30MC Datasheet(HTML) 3 Page - International Rectifier

  SD500R30MC Datasheet HTML 1Page - International Rectifier SD500R30MC Datasheet HTML 2Page - International Rectifier SD500R30MC Datasheet HTML 3Page - International Rectifier SD500R30MC Datasheet HTML 4Page - International Rectifier SD500R30MC Datasheet HTML 5Page - International Rectifier SD500R30MC Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SD500N/R Series
3
Bulletin I2095 rev. A 08/94
www.irf.com
T
J
Max. junction operating temperature range
-40 to 150
T
stg
Max. storage temperature range
-55 to 200
R
thJC
Max. thermal resistance, junction to case
0.1
DC operation
R
thCS
Max. thermal resistance, case
Mounting surface, smooth, flat and
to heatsink
greased
T
Max. allowed mounting torque ±10%
50
Nm
Not lubricated threads
wt
Approximate weight
454
g
Case style
B - 8
See Outline Table
°C
0.04
Parameter
SD500N/R
Units
Conditions
K/W
Thermal and Mechanical Specifications
∆R
thJC
Conduction
(The following table shows the increment of thermal resistence R
thJC when devices operate at different conduction angles than DC)
180°
0.012
0.008
T
J = TJ max.
120°
0.014
0.014
90°
0.017
0.019
60°
0.025
0.026
30°
0.042
0.042
Conduction angle
Sinusoidal conduction
Rectangular conduction Units
Conditions
K/W
Ordering Information Table
1
2
3
4
5
6
Device Code
SD
50
0
N
45
P
S
C
8
7
1
-
Diode
2
-
Essential part number
3
-
0 = Standard recovery
4
-
N = Stud Normal Polarity (Cathode to Stud)
R = Stud Reverse Polarity (Anode to Stud)
5
-
Voltage code: Code x 100 = V
RRM
(See Voltage Ratings table)
6
-
P = Stud base B-8 3/4" 16UNF-2A
M = Stud base B-8 M24 X 1.5
7
-
S = Isolated lead with silicone sleeve
(Red = Reverse Polarity; Blue = Normal Polarity)
T = Threaded Top Terminal 3/8" 24UNF-2A
None = Non isolated lead
8
-
C = Ceramic Housing
NOTE: Available for rotating applications (Contact factory)


Similar Part No. - SD500R30MC

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SD500R IRF-SD500R Datasheet
191Kb / 6P
   STANDARD RECOVERY DIODES Stud Version
More results

Similar Description - SD500R30MC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-25FR VISHAY-VS-25FR_V01 Datasheet
162Kb / 6P
   Standard Recovery Diodes, Standard Recovery Diodes,
01-Jan-2022
VS-50PFR40 VISHAY-VS-50PFR40 Datasheet
186Kb / 8P
   Standard Recovery Diodes, Standard Recovery Diodes,
Revision: 07-Apr-14
logo
International Rectifier
IRK166 IRF-IRK166 Datasheet
328Kb / 12P
   STANDARD RECOVERY DIODES
16F IRF-16F Datasheet
71Kb / 6P
   STANDARD RECOVERY DIODES
SD150N12PV IRF-SD150N12PV Datasheet
196Kb / 8P
   STANDARD RECOVERY DIODES
SD600N16PC IRF-SD600N16PC Datasheet
126Kb / 8P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
SD600R20PC VISHAY-SD600R20PC Datasheet
187Kb / 9P
   Standard Recovery Diodes
Revision: 17-Apr-08
logo
Nell Semiconductor Co.,...
D1070C NELLSEMI-D1070C Datasheet
305Kb / 7P
   Standard Recovery Diodes
logo
International Rectifier
VS-70HF140 IRF-VS-70HF140 Datasheet
106Kb / 7P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
VS-302UR60A VISHAY-VS-302UR60A Datasheet
179Kb / 8P
   Standard Recovery Diodes
Revision: 25-Nov-13
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com