Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN751701 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN751701
Description  LINE DRIVER AND RECEIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN751701 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN751701 Datasheet HTML 2Page - Texas Instruments SN751701 Datasheet HTML 3Page - Texas Instruments SN751701 Datasheet HTML 4Page - Texas Instruments SN751701 Datasheet HTML 5Page - Texas Instruments SN751701 Datasheet HTML 6Page - Texas Instruments SN751701 Datasheet HTML 7Page - Texas Instruments SN751701 Datasheet HTML 8Page - Texas Instruments SN751701 Datasheet HTML 9Page - Texas Instruments SN751701 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
SN751701
LINE DRIVER AND RECEIVER
SLLS531 – MARCH 2002
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
+VC
RC
VIT, VI
VCC
CC
– VC
RC
– IOH
VOH
+IOL
VOL
Open
Unless
Otherwise
Specified
Response
Control
Figure 1. Receiver Section Test Circuit (VIT+, VIT–, VOH, VOL)
TEST CIRCUIT
CL = 50 pF
(see Note A)
Output
RL = 3 kΩ
Input
VOLTAGE WAVEFORMS
VOL
VOH
0 V
3 V
Output
Input
10%
50%
10%
50%
tPLH
tPHL
1.5 V
90%
90%
tTHL
tTLH
See Note B
1.5 V
NOTES: A. CL includes probe and jig capacitance.
B. The input waveform is supplied by a generator having the following characteristics: ZO = 50 Ω, tw = 500 ns,
tTLH ≤ 5 ns, tTHL ≤ 5 ns.
Figure 2. Driver Section Switching Test Circuit and Voltage Waveforms


Similar Part No. - SN751701

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN751701 TI-SN751701 Datasheet
395Kb / 16P
[Old version datasheet]   LINE DRIVER AND RECEIVER
SN751701PSR TI-SN751701PSR Datasheet
395Kb / 16P
[Old version datasheet]   LINE DRIVER AND RECEIVER
SN751701PSRG4 TI-SN751701PSRG4 Datasheet
395Kb / 16P
[Old version datasheet]   LINE DRIVER AND RECEIVER
More results

Similar Description - SN751701

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75155 TI1-SN75155_14 Datasheet
479Kb / 17P
[Old version datasheet]   LINE DRIVER AND RECEIVER
SN751701PSRG4 TI-SN751701PSRG4 Datasheet
395Kb / 16P
[Old version datasheet]   LINE DRIVER AND RECEIVER
SN75155 TI-SN75155 Datasheet
162Kb / 10P
[Old version datasheet]   LINE DRIVER AND RECEIVER
SN65MLVD201 TI-SN65MLVD201_10 Datasheet
749Kb / 28P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD201 TI-SN65MLVD201_07 Datasheet
695Kb / 26P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
DS8921 TI1-DS8921_15 Datasheet
1Mb / 20P
[Old version datasheet]   Differential Line Driver and Receiver Pair
SN65MLVD200A TI-SN65MLVD200A_08 Datasheet
667Kb / 25P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD200A TI-SN65MLVD200A Datasheet
547Kb / 26P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD201 TI-SN65MLVD201 Datasheet
329Kb / 10P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
logo
National Semiconductor ...
DS8921 NSC-DS8921 Datasheet
244Kb / 8P
   Differential Line Driver and Receiver Pair
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com